Electronic Components Datasheet Search
  English  ▼

X  

SN75DP129RHHTG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75DP129RHHTG4
Description  DisplayPort to TMDS Translator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP129RHHTG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN75DP129RHHTG4 Datasheet HTML 1Page - Texas Instruments SN75DP129RHHTG4 Datasheet HTML 2Page - Texas Instruments SN75DP129RHHTG4 Datasheet HTML 3Page - Texas Instruments SN75DP129RHHTG4 Datasheet HTML 4Page - Texas Instruments SN75DP129RHHTG4 Datasheet HTML 5Page - Texas Instruments SN75DP129RHHTG4 Datasheet HTML 6Page - Texas Instruments SN75DP129RHHTG4 Datasheet HTML 7Page - Texas Instruments SN75DP129RHHTG4 Datasheet HTML 8Page - Texas Instruments SN75DP129RHHTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
PIN CONFIGURATION
1
I2C_EN
VDD
ML_IN0(p)
HPD_OUT
SDA
VSadj
VCC
TMDS_2(n)
SCL
2
3
4
5
6
7
8
11
10
12
13
14
15
16
17
35
36
34
33
32
31
30
29
26
27
24 23 22 21 20
25
9
18
19
28
GND
VCC
LP
TMDS_2(p)
ML_IN0(n)
GND
HPD_IN
SN75DP129
RHHPACKAGE
(TopView)
AUX_I2C(p)
1
AUX_I2C(n)
1
SN75DP129
SLAS583A – JANUARY 2008 – REVISED MARCH 2008
(1)
I2C bus data (n-SDA) and clock (p-SCL) lines.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
TYPE
NAME
NO.(1)
AUX_I2C(2)
11(p), 12(n)
I/O
Source Side Bidirectional DisplayPort Auxiliary Data Line
DDC LINK (Source)
GND
6, 10, 19, 25, 36
Ground
Ground
HPD_IN
15
I
Hot Plug Detect (HPD) Input
Hot Plug Detect
HPD_OUT
13
O
Hot Plug Detect (HPD) Output
Hot Plug Detect
Internal I2C register enable, used for HDMI / DVI connector
I2C_EN
32
I
Control
differentiation
LP
33
I
Low Power Select Bar
Control
ML_IN 0
34(p), 35(n)
I
DisplayPort Main Link Channel 0 Differential Input
Main Link Input Pins
ML_IN 1
1(p), 2(n)
I
DisplayPort Main Link Channel 1 Differential Input
Main Link Input Pins
ML_IN 2
4(p), 5(n)
I
DisplayPort Main Link Channel 2 Differential Input
Main Link Input Pins
ML_IN 3
7(p), 8(n)
I
DisplayPort Main Link Channel 3 Differential Input
Main Link Input Pins
TMDS_2
30(p), 29(n)
O
TMDS Data 2 Differential Output
Main Link Output
TMDS_1
27(p), 26(n)
O
TMDS Data 1 Differential Output
Main Link Output
TMDS_0
24(p), 23(n)
O
TMDS Data 0 Differential Output
Main Link Output
TMDS_CLK
21(p), 20(n)
O
TMDS Data Clock Differential Output
Main Link Output
SCL
17
I/O
TMDS Port Bidirectional I2C Clock Line
DDC Link (Sink)
SDA
16
I/O
TMDS Port Bidirectional I2C Data Line
DDC Link (Sink)
VCC
3, 9, 18, 22, 28
3.3 V Supply
Voltage Supply
(1)
(p) Positive; (n) Negative
(2)
I2C bus data (n-SDA) and clock (p-SCL) lines.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN75DP129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com