Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM643 Datasheet(PDF) 139 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 139 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 135Page - Texas Instruments TMS320DM643 Datasheet HTML 136Page - Texas Instruments TMS320DM643 Datasheet HTML 137Page - Texas Instruments TMS320DM643 Datasheet HTML 138Page - Texas Instruments TMS320DM643 Datasheet HTML 139Page - Texas Instruments TMS320DM643 Datasheet HTML 140Page - Texas Instruments TMS320DM643 Datasheet HTML 141Page - Texas Instruments TMS320DM643 Datasheet HTML 142Page - Texas Instruments TMS320DM643 Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 162 page
background image
www.ti.com
5.15 Ethernet Media Access Controller (EMAC)
5.15.1
EMAC Device-Specific Information
5.15.2
EMAC Peripheral Register Description(s)
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
The EMAC controls the flow of packet data from the DSP to the PHY.
The ethernet media access controller (EMAC) provides an efficient interface between the DM643 DSP
core processor and the network. The DM643 EMAC support both 10Base-T and 100Base-TX, or
10 Mbits/second (Mbps) and 100 Mbps in either half- or full-duplex, with hardware flow control and quality
of service (QOS) support. The DM643 EMAC makes use of a custom interface to the DSP core that
allows efficient data transmission and reception.
The EMAC controls the flow of packet data from the DSP to the PHY. The MDIO module controls PHY
configuration and status monitoring.
Both the EMAC and the MDIO modules interface to the DSP through a custom interface that allows
efficient data transmission and reception. This custom interface is referred to as the EMAC control
module, and is considered integral to the EMAC/MDIO peripheral. The control module is also used to
control device reset, interrupts, and system priority.
The TMS320C6000 DSP Ethernet Media Access Controller (EMAC) / Management Data Input/Output
(MDIO) Module Reference Guide (literature number SPRU628) describes the DM643 EMAC peripheral in
detail. Some of the features documented in this peripheral reference guide are not supported on the
DM643 at this time. The DM643 supports one receive channel and does not support receive quality of
service (QOS). For a list of supported registers and register fields, see Table 5-60 [Ethernet MAC (EMAC)
Control Registers] and Table 5-61 [EMAC Statistics Registers] in this data manual.
Table 5-60. Ethernet MAC (EMAC) Control Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01C8 0000
TXIDVER
Transmit Identification and Version Register
01C8 0004
TXCONTROL
Transmit Control Register
01C8 0008
TXTEARDOWN
Transmit Teardown Register
01C8 000C
–
Reserved
01C8 0010
RXIDVER
Receive Identification and Version Register
01C8 0014
RXCONTROL
Receive Control Register
Receive Teardown Register
01C8 0018
RXTEARDOWN
(RXTDNCH field only supports writes of 0.)
01C8 001C – 01C8 00FF
–
Reserved
Receive Multicast/Broadcast/Promiscuous Channel Enable Register
01C8 0100
RXMBPENABLE
(The RXQOSEN field is reserved and only supports writes of 0. The PROMCH,
BROADCH, and MUCTCH bit fields only support writes of 0.)
Receive Unicast Set Register
01C8 0104
RXUNICASTSET
(Bits 7–1 are reserved and only support writes of 0.)
Receive Unicast Clear Register
01C8 0108
RXUNICASTCLEAR
(Bits 7–1 are reserved and only support writes of 0.)
01C8 010C
RXMAXLEN
Receive Maximum Length Register
01C8 0110
RXBUFFEROFFSET
Receive Buffer Offset Register
01C8 0114
RXFILTERLOWTHRESH
Receive Filter Low Priority Packets Threshold Register
01C8 0118 – 01C8 011F
–
Reserved
01C8 0120
RX0FLOWTHRESH
Receive Channel 0 Flow Control Threshold Register
Submit Documentation Feedback
DM643 Peripheral Information and Electrical Specifications
139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com