Electronic Components Datasheet Search
  English  ▼

X  

2139-12A Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2139-12A
Description  KK® Interconnect System - Molex
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2139-12A Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2139-12A Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/18/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0009503121
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 3.96mm Crimp Terminal Housing, Friction Ramp, 12 Circuits
Documents:
3D Model
Packaging Specification PK-2139-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
2139
Application
Power, Wire-to-Board
Overview
KK® Interconnect System - Molex
Product Name
KK® 396
UPC
800753616301
Physical
Circuits (maximum)
12
Color - Resin
Natural
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
3.088/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.96mm
Temperature Range - Operating
See Product Specification
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Engineering Number
2139-12A
Reference - Drawing Numbers
Packaging Specification
PK-2139-001
Sales Drawing
SD-2139
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
Search Parts in this Series
2139 Series
Mates With
KK® 396 Headers: 41771 , 41772 ,
41791 , 41792 , 42491 , 42492 , KK® 396
Breakaway Headers: 41661 , 41662 , 41671
, 41672
Use With
2478 Crimp Terminals for 18-24 AWG, 2578
Crimp Terminals for 22-26 AWG
This document was generated on 08/18/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 2139-12A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2139-12A MOLEX1-2139-12A Datasheet
202Kb / 3P
3.96mm (.156") Pitch KK짰 Crimp Terminal Housing, Friction Ramp, 12 Circuits
2139-12A MOLEX11-2139-12A Datasheet
319Kb / 1P
CONNECTOR HOUSING .156 CL CRIMP TERMINAL 2139 SERIES DWG
2139-12A MOLEX11-2139-12A Datasheet
51Kb / 1P
KK 3.96mm Crimp Terminal Housing, Friction Ramp, 12 Circuits
2139-12A-11 MOLEX11-2139-12A-11 Datasheet
319Kb / 1P
CONNECTOR HOUSING .156 CL CRIMP TERMINAL 2139 SERIES DWG
2139-12A-2 MOLEX11-2139-12A-2 Datasheet
319Kb / 1P
CONNECTOR HOUSING .156 CL CRIMP TERMINAL 2139 SERIES DWG
More results

Similar Description - 2139-12A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1718564006 MOLEX1-1718564006 Datasheet
38Kb / 2P
KK Interconnect System
logo
Renesas Technology Corp
89HPES12NT12G2 RENESAS-89HPES12NT12G2 Datasheet
433Kb / 33P
12-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 16, 2013
89HPES16NT16G2 RENESAS-89HPES16NT16G2 Datasheet
435Kb / 34P
16-Lane 16-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES24NT6AG2 RENESAS-89HPES24NT6AG2 Datasheet
546Kb / 35P
24-Lane 6-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT8AG2 RENESAS-89HPES32NT8AG2 Datasheet
532Kb / 36P
32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT8BG2 RENESAS-89HPES32NT8BG2 Datasheet
530Kb / 36P
32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48H12G2 RENESAS-89HPES48H12G2 Datasheet
551Kb / 45P
48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES32H8G2 RENESAS-89HPES32H8G2 Datasheet
501Kb / 41P
32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES34H16G2 RENESAS-89HPES34H16G2 Datasheet
645Kb / 55P
34-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES48H12 RENESAS-89HPES48H12 Datasheet
621Kb / 49P
48-Lane 12-Port PCI Express® System Interconnect Switch
October 3, 2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com