Electronic Components Datasheet Search
  English  ▼

X  

PCM2912 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2912 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM2912 Datasheet HTML 4Page - Texas Instruments PCM2912 Datasheet HTML 5Page - Texas Instruments PCM2912 Datasheet HTML 6Page - Texas Instruments PCM2912 Datasheet HTML 7Page - Texas Instruments PCM2912 Datasheet HTML 8Page - Texas Instruments PCM2912 Datasheet HTML 9Page - Texas Instruments PCM2912 Datasheet HTML 10Page - Texas Instruments PCM2912 Datasheet HTML 11Page - Texas Instruments PCM2912 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
www.ti.com
PCM2912
SLES216 – FEBRUARY 2008
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTIONS
NAME
PJT
BGND
1
Reference for internal regulator.
VBUS
2
Connect to USB power (VBUS)
D–
3
I/O
USB differential input/output minus(1)
D+
4
I/O
USB differential input/output plus(1)
VDD
5
Digital power supply(2)
DGND
6
Digital ground
XTO
7
O
Crystal oscillator output
XTI
8
I
Crystal oscillator input (3)
FL
9
External filter pin of L-channel (optional)
FR
10
External filter pin of R-channel (optional)
VCOM1
11
Common voltage for ADC, DAC and analog front end (VCCA/2). Decouple capacitor should be connected to
AGND.
VCOM2
12
Common voltage for headphone (VCCA/2). Decouple capacitor should be connected to AGND.
AGND
13
Analog ground
NC
14
Not connected
VCCA
15
Analog power supply
VIN
16
I
ADC microphone input
MBIAS
17
O
Microphone bias output (0.75 VCCA)
VOUTL
18
O
Headphone output for L-channel
VCCL
19
Analog power supply for headphone amplifier of L-channel(2)
HGND
20
Analog ground for headphone amplifier
VCCR
21
Analog power supply for headphone amplifier of R-channel(2)
VOUTR
22
O
Headphone output for R-channel
MAMP
23
I
Microphone preamplifier gain control (LOW: Preamplifier off, HIGH: Preamplifier on = +20 dB)(3)
POWER
24
I
Power consumption declaration select pin (LOW: 100 mA, HIGH: 500 mA) (3)
PGND
25
Analog ground for microphone bias, microphone amplifier, and PGA
VCCP
26
Analog power supply for PLL(2)
TEST1
27
I
Test pin. Must be set to HIGH(3)
TEST0
28
I
Test pin. Must be set to LOW (3)
SSPND
29
O
Suspend flag (LOW: Suspend, HIGH: Operational state)
MMUTE
30
I
Microphone mute control, active HIGH (LOW: Mute off, HIGH: Mute on)(4)
REC
31
O
Status output for record (LOW: Record, FLASH: Mute on recode, HIGH: Stop)(5)
PLAY
32
O
Status output for playback (LOW: Playback, FLASH: Mute on playback, HIGH: Stop)(5)
(1)
LV-TTL level
(2)
Connect decouple capacitor to corresponding ground.
(3)
3.3-V CMOS level input.
(4)
3.3-V CMOS level input with internal pulldown.
(5)
5 V tolerant, open-drain.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM2912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com