Electronic Components Datasheet Search
  English  ▼

X  

REG113 Datasheet(PDF) 3 Page - Texas Instruments

Part # REG113
Description  DMOS 400mA Low-Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG113 Datasheet(HTML) 3 Page - Texas Instruments

  REG113_08 Datasheet HTML 1Page - Texas Instruments REG113_08 Datasheet HTML 2Page - Texas Instruments REG113_08 Datasheet HTML 3Page - Texas Instruments REG113_08 Datasheet HTML 4Page - Texas Instruments REG113_08 Datasheet HTML 5Page - Texas Instruments REG113_08 Datasheet HTML 6Page - Texas Instruments REG113_08 Datasheet HTML 7Page - Texas Instruments REG113_08 Datasheet HTML 8Page - Texas Instruments REG113_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REG113
3
SBVS031D
www.ti.com
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TJ = –40°C to +85°C.
At TJ = +25°C, VIN = VOUT + 1V, VENABLE = 1.8V, IOUT = 5mA, CNR = 0.01µF, and COUT = 0.1µF(1), unless otherwise noted.
REG113NA
REG113EA
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
Output Voltage Range
VOUT
REG113-2.5
2.5
V
REG113-2.85
2.85
V
REG113-3
3.0
V
REG113-3.3
3.3
V
REG113-5
5.0
V
Accuracy
±0.5
±1.5
%
Over Temperature
±2.3
%
vs Temperature
dVOUT/dT
50
±2.3
ppm/
°C
vs Line and Load
IOUT = 5mA to 400mA, VIN = (VOUT + 0.4V) to 10V
±1
±2.3
%
Over Temperature
IOUT = 5mA to 400mA, VIN = (VOUT + 0.6V) to 10V
±3.0
%
DC DROPOUT VOLTAGE(2)
VDROP
IOUT = 5mA
4
10
mV
For all models
IOUT = 400mA
250
325
mV
Over Temperature
IOUT = 400mA
410
mV
VOLTAGE NOISE
f = 10Hz to 100kHz
Vn
Without CNR
CNR = 0, COUT = 0
23
µVrms/V • V
OUT
µVrms
With CNR
CNR = 0.01µF, COUT = 10µF7µVrms/V • VOUT
µVrms
OUTPUT CURRENT
Current Limit(3)
ICL
425
500
575
mA
Over Temperature
600
mA
Short-Circuit Current Limit
ISC
200
mA
RIPPLE REJECTION
f = 120Hz
65
dB
ENABLE CONTROL
VENABLE HIGH (output enabled)
VENABLE
1.8
VIN
V
VENABLE LOW (output disabled)
–0.2
0.5
V
IENABLE HIGH (output enabled)
IENABLE
VENABLE = 1.8V to VIN, VIN = 1.8V to 6.5(4)
1
100
nA
IENABLE LOW (output disabled)
VENABLE = 0V to 0.5V
2
100
nA
Output Disable Time
COUT = 1.0µF, RLOAD = 13Ω
50
µs
Output Enable Softstart Time
COUT = 1.0µF, RLOAD = 13Ω
1.5
ms
THERMAL SHUTDOWN
Junction Temperature
Shutdown
160
°C
Reset from Shutdown
140
°C
GROUND PIN CURRENT
Ground Pin Current
IGND
IOUT = 5mA
400
500
µA
IOUT = 400mA
850
1000
µA
Enable Pin LOW
VENABLE ≤ 0.5V
0.01
0.2
µA
INPUT VOLTAGE
VIN
Operating Input Voltage Range(5)
1.8
10
V
Specified Input Voltage Range
VIN > 1.8V
VOUT + 0.4
10
V
Over Temperature
VIN > 1.8V
VOUT + 0.6
10
V
TEMPERATURE RANGE
Specified Range
TJ
–40
+85
°C
Operating Range
TJ
–55
+125
°C
Storage Range
TA
–65
+150
°C
Thermal Resistance
SOT23-5 Surface-Mount
θ
JA
Junction-to-Ambient
200
°C/W
MSOP-8 Surface-Mount
θ
JC
Junction-to-Case
35(6)
°C/W
θ
JA
Junction-to-Ambient
160(6)
°C/W
NOTES: (1) The REG113 does not require a minimum output capacitor for stability. However, transient response can be improved with proper capacitor selection.
(2) Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT
+ 1V at fixed load.
(3) Current limit is the output current that produces a 10% change in output voltage from VIN = VOUT + 1V and IOUT = 5mA.
(4) For VENABLE > 6.5V, see typical characteristic IENABLE vs VENABLE.
(5) The REG113 no longer regulates when VIN < VOUT + VDROP (MAX). In dropout, the impedance from VIN to VOUT is typically less than 1Ω at TJ = +25°C.
(6) See Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com