Electronic Components Datasheet Search
  English  ▼

X  

M27W032 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M27W032
Description  32 Mbit 2Mb x16 3V Supply FlexibleROM™ Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W032 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M27W032 Datasheet HTML 7Page - STMicroelectronics M27W032 Datasheet HTML 8Page - STMicroelectronics M27W032 Datasheet HTML 9Page - STMicroelectronics M27W032 Datasheet HTML 10Page - STMicroelectronics M27W032 Datasheet HTML 11Page - STMicroelectronics M27W032 Datasheet HTML 12Page - STMicroelectronics M27W032 Datasheet HTML 13Page - STMicroelectronics M27W032 Datasheet HTML 14Page - STMicroelectronics M27W032 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
M27W032
Figure 5. Multiple Word Program Flowchart
Write AAh
Address 555h
AI05954b
Start
Read Status
Register
YES
NO
DQ0 = 0?
Write 55h
Address 2AAh
Write 20h
Address 555h
Write Data1
Start Address
Write Data 2
Continue Address
YES
NO
Read Status
Register
Write Data n
Continue Address
YES
NO
Read Status
Register
Write XX
Final Address
Read Status
Register
NO
Write Data1
Start Address
Write Data 2
Continue Address
NO
Read Status
Register
Write Data n
Continue Address
Read Status
Register
Write XX
Final Address
YES
Write F0h
Address XX
Exit (read mode)
DQ0 = 0?
DQ0 = 0?
DQ0 = 0?
DQ0 = 0?
DQ0 = 0?
Read Status
Register
NO
DQ6
toggling?
DQ4 = 0?
YES
Fail, V
PP error
NO
Program
Phase
YES
NO
DQ0 = 0?
YES
Setup time
exceeded?
EXIT (setup failed)
NO
DQ0 = 0?
Read Status
Register
NO
YES
YES
NO
DQ5 = 1?
YES
NO
DQ5 = 1?
YES
DQ6
toggling?
Read Status
Register
NO
YES
YES
NO
Fail error
YES
NO
Setup
Phase
Verify
Phase
Exit
Phase
Read Status
Register
DQ5 = 1 ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com