Electronic Components Datasheet Search
  English  ▼

X  

SAP51 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # SAP51
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SAP51 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button SAP51 Datasheet HTML 49Page - Renesas Technology Corp SAP51 Datasheet HTML 50Page - Renesas Technology Corp SAP51 Datasheet HTML 51Page - Renesas Technology Corp SAP51 Datasheet HTML 52Page - Renesas Technology Corp SAP51 Datasheet HTML 53Page - Renesas Technology Corp SAP51 Datasheet HTML 54Page - Renesas Technology Corp SAP51 Datasheet HTML 55Page - Renesas Technology Corp SAP51 Datasheet HTML 56Page - Renesas Technology Corp SAP51 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
53
January 28, 2016
If the Loopback Mode is not active, the AS-i receiver is disabled while the SAP5 is transmitting an AS-i signal.
Otherwise, the transmitted signal is read back in parallel and provided at the RX_DAT output for checkup
purposes.
The loopback time tLOOPBACK is mainly defined by the analog signal processing within the Receiver and the
Transmitter. However, an additional delay of up to 1875ns can be inserted if necessary. Therefore, the
ID_Code_Extension_2 EEPROM register must be programmed as described below.
NOTE: The ID_Code_Extension_2 must be programmed before programming of the Master_Mode flag. Once the
Master_Mode flag is set to logic high, the slave functionality of the SAP5 is no longer available, preventing any
write access to the EEPROM by use of AS-i master requests as described in section 4.3.
Table 5.27 Programmable Variation of the Loopback Time
ID_Code_Extension_2
(ID2_Bit3 to ID2_Bit0)
∆t
loopback
0000
0
0001
+125ns
0010
+250ns
0011
+375ns
0100
+500ns
0101
+625ns
0110
+750ns
0111
+875ns
1000
+1000ns
1001
+1125ns
1010
+1250ns
1011
+1375ns
1100
+1500ns
1101
+1625ns
1110
+1750ns
1111
+1875ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com