Electronic Components Datasheet Search
  English  ▼

X  

EP1551EV Datasheet(PDF) 6 Page - Eorex Corporation

Part # EP1551EV
Description  Evaluation Board Manual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1551EV Datasheet(HTML) 6 Page - Eorex Corporation

  EP1551EV Datasheet HTML 1Page - Eorex Corporation EP1551EV Datasheet HTML 2Page - Eorex Corporation EP1551EV Datasheet HTML 3Page - Eorex Corporation EP1551EV Datasheet HTML 4Page - Eorex Corporation EP1551EV Datasheet HTML 5Page - Eorex Corporation EP1551EV Datasheet HTML 6Page - Eorex Corporation EP1551EV Datasheet HTML 7Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EP1551 Evaluation Board Manual
Rev.01
6/7
16
1
R10
RES 90.9K OHM 1/8W 1%
0603 SMD
MCR10EZHF9092
17
1
R17
RES 33.0 OHM 1/8W 1%
0603 SMD
9C08052A33R0FK
HFT
18
1
R7
RES 2.20K OHM 1/8W 1%
0603 SMD
9C08052A2201FK
HFT
19
1
R4
RES 51.0K OHM 1/8W 1%
0603 SMD
9C08052A5102FK
HFT
20
1
R1
RES 47K OHM 1/8W 5%
0603 SMD
9C08052A4702JL
HFT
21
1
R2
RES 24.9K OHM 1/8W 1%
0805 SMD
MCR10EZHF2492
22
2
R5, R6
RES 10.0K OHM 1/8W 1%
0603 SMD
9C08052A1002FK
HFT
23
1
R3
RES 20.0K OHM 1/8W 1%
0603 SMD
9C08052A2002FK
HFT
24
1
C1
CAP
6800PF
50V
CERAMIC X7R 0603
VJ0805Y682KXAC
W1BC
25
1
C2
CAP
3300PF
50V
CERAMIC X7R 0603
VJ0805Y332KXAC
W1BC
26
1
C5
CAP CERM .01UF 10%
50V X7R 0603
08055C103KAT2A
27
2
C7, C9
CAP
1000PF
50V
CERAMIC X7R 0603
VJ0805Y102KXAC
W1BC
28
1
R14
RES 36.5K OHM 1/8W 1%
0603 SMD
MCR10EZHF3652
29
3
Q1, Q2, Q3
HEX/MOS N-CH 30V 10A
8-SOIC
SI4410DY
30
9
RED
TEST POINT PC MULTI
PURPOSE
5010
31
28
BLACK
TEST POINT PC MULTI
PURPOSE
5011



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com