Electronic Components Datasheet Search
  English  ▼

X  

103643 Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # 103643
Description  Bus Interface Connector System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

103643 Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button 103643 Datasheet HTML 8Page - TE Connectivity Ltd 103643 Datasheet HTML 9Page - TE Connectivity Ltd 103643 Datasheet HTML 10Page - TE Connectivity Ltd 103643 Datasheet HTML 11Page - TE Connectivity Ltd 103643 Datasheet HTML 12Page - TE Connectivity Ltd 103643 Datasheet HTML 13Page - TE Connectivity Ltd 103643 Datasheet HTML 14Page - TE Connectivity Ltd 103643 Datasheet HTML 15Page - TE Connectivity Ltd 103643 Datasheet HTML 16Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
Catalog E 074441
01/06
Edition 4
www.erni.com
ERbic Profibus Ex i
There is a special Profibus specification for safety-orientated
intrinsically safe applications. Intrinsic safety is achieved by
limiting the energy. At low voltage, this is reflected, among
other things, by a higher current density in the bus line, as the
devices are also supplied with power via the bus line.
With regard to the connector, the main factor is compliance
with EN 50020. For example, defined clearance and creepa-
ge distances and current carrying capacity must be taken into
account. These Ex i connectors have been developed in coo-
peration with ABB and approved for their S900 controller. The
individual connector alone does not require separate appro-
val. This must always be given in conjunction with the system
in accordance with the relevant directives and standards.
Electrical and mechanical characteristics
Interface connector
D-Sub, 9-pin, male
D-Sub male
Class 2
Cable termination
2 x horizontal
1 cable outlet can be sealed with blanking plate
Cable diameter
4.5 mm (0.177”) – 8.0 mm (0.315”)
Cross section of individual conductor
Screw terminal: solid max. 1.5 mm2; stranded max. 1.0 mm2
Termination type
Screw terminal
Data transmission rate
According to bus specification, 12 MBit/s
Temperature range
-20 °C – +70 °C
Permissible humidity
Max. 75 % at + 25 °C, non-condensing
Protection class
IP 40
Housing material
Thermoplast UL94V-1
D-Sub screw
#4/40 UNC, knurled with cross-head
UL approval
UL E84703 *
CE marking
ERbic connectors are passive components and do not need
to be identified with the CE marking according to EU direc-
tives.
* Due to continuous advancement, it is possible that the UL approval of a new version may not have been completed at the time of going
to press.
Pin configuration
Terminal
D-Sub Pin
Signal
B (1)
3
RxD/TxD-P
A (2)
8
RxD/TxD-N
B (3)
3
RxD/TxD-P
A (4)
8
RxD/TxD-N
-
5
GND
-
6
VP (+5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com