Electronic Components Datasheet Search
  English  ▼

X  

644875 Datasheet(PDF) 33 Page - TE Connectivity Ltd

Part # 644875
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

644875 Datasheet(HTML) 33 Page - TE Connectivity Ltd

Back Button 644875 Datasheet HTML 29Page - TE Connectivity Ltd 644875 Datasheet HTML 30Page - TE Connectivity Ltd 644875 Datasheet HTML 31Page - TE Connectivity Ltd 644875 Datasheet HTML 32Page - TE Connectivity Ltd 644875 Datasheet HTML 33Page - TE Connectivity Ltd 644875 Datasheet HTML 34Page - TE Connectivity Ltd 644875 Datasheet HTML 35Page - TE Connectivity Ltd 644875 Datasheet HTML 36Page - TE Connectivity Ltd 644875 Datasheet HTML 37Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
33
Product Facts
I
Connectors and headers for
2 through 24 positions; wire
sizes of 18, 20, 22, 24 and
26 AWG [0 .9– 0.12 mm2]
I
Connectors and headers,
except shrouded headers,
are end-to-end stackable
I
Quad Connectors for higher
current rating (page 54)
I
Posted connectors for 2, 3,
4, 6, 9,12,15 and 24 posi-
tions
I
Card edge connectors for
3, 6, 9,12,15,18 and 20
through 24 positions
I
Connectors preloaded with
IDC contacts
I
All contacts are slotted for
insulation displacement
(IDC) termination technique
I
Connector styles include
both closed end and feed-
thru, with and without lock-
ing ramps and polarizing
tabs
I
Molded ribs on housing do
not allow reverse mating
I
Contacts are lubricated for
fretting corrosion protection
I
Benefits derived from the
MTA-156 system include
increases quality and ease
of handling such as—
I
One-step assembly
I
No wire stripping
I
No contact damage
I
Reduced wiring errors
I
Simpler tooling
I
Simple maintenance
and repair
I
Meets the material require-
ments of Table 23.1 of
UL 1410 Standards for
Television Receiver and
Video Products (wire-to-
post connectors only)
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards
Association,
File No. LR7189
R
R
MTA-156 connectors
accept discrete and ribbon
cable wire sizes ranging
from 18 – 26 AWG
[0.9– 0.12 mm2] with maxi-
mum insulation outside
diameter.095 [2.41] for sin-
gle wire and .070 [1.78] for
mass termination of wires.
Tin plated solid, fused
stranded or stranded (7, 16,
and 19 strands) wire with
PVC insulation can be used
on 18 AWG [0.8 – 0.9 mm2]
MTA-156 connectors; 7, 10,
and 19 stranded wire on
20 AWG [0.5 – 0.6 mm2 ]
MTA-156 connectors; and 7
and 19 stranded wire on
22 – 26 AWG [0.4 – 0.12 mm2]
MTA-156 connectors.
Only one wire to be termi-
nated into an IDC contact
slot.
Mass termination of wire
provides the lowest applied
cost because it drastically
reduces the labor content
of virtually any cable or har-
ness assembly required.
Technical Documents
Product Specification
108-1051
MTA-156 Connectors
Application Specifications
114-1020
MTA-156 Connectors,
Posted Connectors and
Card Edge Connectors
114-1032
MTA-156 Ribbon Cable
Assembly
Note: Refer to page 70 for approved
wire listings.
Performance Data*
Voltage Rating — 600 vac
Current Rating —
7 amp max. for MTA-156 Connector
Low-Level Resistance —
3.0 m
max. initial
Dielectric Withstanding Voltage —
2200 vac/1 min.
Insulation Resistance —
5000 M
min. initial
Operating Temperature —
55 C to
105 C
*Refer to the Product Specification
for additional electrical, mechanical
and environmental performance
tests and requirements.
The wire-to-post connector
housing material is flame
retardant thermoplastic,
either UL94V-2 or UL94V-0
rated.
A full line of .156 [3.96]
centerline headers com-
pletes the system. Headers
are available with straight
or right-angle posts, in flat
friction lock and shrouded
styles. Headers are available
in 2 through 24 positions.
.156 [3.96] Centerline MTA-156 IDC Connectors and Headers
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com