Electronic Components Datasheet Search
  English  ▼

X  

2136 Datasheet(PDF) 2 Page - VISATON GmbH & Co. KG

Part # 2136
Description  Breitbandlautsprecher
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISATON [VISATON GmbH & Co. KG]
Direct Link  https://www.visaton.de/en
Logo VISATON - VISATON GmbH & Co. KG

2136 Datasheet(HTML) 2 Page - VISATON GmbH & Co. KG

  2136 Datasheet HTML 1Page - VISATON GmbH & Co. KG 2136 Datasheet HTML 2Page - VISATON GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Amplituden- und Impedanzfrequenzgang
Frequency and impedance response
Rated power
Maximum power
Impedance
Frequency response (–10 dB)
Mean sound pressure level
Resonance frequency
Voice coil diameter
Cutout diameter
Net weight
Technical Data
60 Watt
80 Watt
4 Ω
60 – 15000 Hz
86 dB (1 W/1 m)
85 Hz
20 mm Ø
142 mm Ø
700 g
Nennbelastbarkeit
Musikbelastbarkeit
Impedanz
Übertragungsbereich (–10 dB)
Mittlerer Schalldruckpegel
Resonanzfrequenz
Schwingspulendurchmesser
Schallwandöffnung
Gewicht netto
Technische Daten
60 Watt
80 Watt
4 Ω
60 – 15000 Hz
86 dB (1 W/1 m)
85 Hz
20 mm Ø
142 mm Ø
700 g
Full-Range driver
FR 16 WP
Art. No. 2116 – 4 Ω weiß/white
Art. No. 2136 – 4 Ω schwarz/black
VISATON GmbH & Co. KG • Ohligser Straße 29-31 • D-42781 Haan • Tel.: 0 21 29 / 5 52 - 0 • Fax: 0 21 29 / 5 52 -10 • e-mail: visaton@visaton.com
Abstrahlcharakteristik / Radiation pattern 2000 Hz
Abstrahlcharakteristik / Radiation pattern 5000 Hz
Abstrahlcharakteristik / Radiation pattern 10000 Hz
11/2004



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com