Electronic Components Datasheet Search
  English  ▼

X  

2116 Datasheet(PDF) 1 Page - VISATON GmbH & Co. KG

Part # 2116
Description  Breitbandlautsprecher
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISATON [VISATON GmbH & Co. KG]
Direct Link  https://www.visaton.de/en
Logo VISATON - VISATON GmbH & Co. KG

2116 Datasheet(HTML) 1 Page - VISATON GmbH & Co. KG

  2116 Datasheet HTML 1Page - VISATON GmbH & Co. KG 2116 Datasheet HTML 2Page - VISATON GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Breitbandlautsprecher
FR 16 WP
Art. No. 2116 – 4 Ω weiß/white
Art. No. 2136 – 4 Ω schwarz/black
VISATON GmbH & Co. KG • Ohligser Straße 29-31 • D-42781 Haan • Tel.: 0 21 29 / 5 52 - 0 • Fax: 0 21 29 / 5 52 -10 • e-mail: visaton@visaton.com
Seewasserbeständiger 16 cm (6,5“)
Breitbandlautsprecher
mit gespritzter Kunststoffmembran sowie Kunststoffkorb
und -gitter. Absolut korrosions- und wasserfest durch
Magnetverkleidung und Silikonummantelung der Zulei-
tung. Klare Hochtonwiedergabe.
Zubehör: Dichtungsringe, Art.-No. 2118,
Verpackungseinheit = 25 Stück
Saltwater resistant 16 cm (6,5”)
full-range driver
with moulded plastic cone, plastic basket and grille.
Absolutely corrosion-resistant and waterproof due to
encased magnet and silicon-coated leads. Clear-cut
high-range output.
Accessories: Gasket, Art.-No. 2118,
Packing unit = 25 pieces
Anwendungsmöglichkeiten
• feuchtraumgeeignet
• für Außenanwendungen geeignet
• seewasserfest
• funktionstüchtig bei tiefen Temperaturen gemäß
EN 60068-2-1 (–40 °C; 96 h)
• erfüllt die Anforderungen des Germanischen Lloyd
(Anforderungen für elektrische Betriebsmittel /
Kälte)
Typical applications
• moisture proof
• suitable for outdoor applications
• seawater proof
• functionally at low temperature according to
EN 60068-2-1 (–40 °C; 96 h)
• up to the standards of the Germanischer Lloyd
(requirements for electrical equipment / low tem-
perature)
Wetterfest
Weather-resistant
Ballwurfsicher
Ball-resistant
80 °C temperaturfest
80 °C heat resistant
Eigenschaften
Attributes
✔
✔
✔
11/2004
IP65
Schutzart / Protective system (IP)
–40
°C
+80
°C


Similar Part No. - 2116

ManufacturerPart #DatasheetDescription
logo
Heyco.
2116 HEYCO-2116 Datasheet
133Kb / 1P
Snap Bushings
logo
Adafruit Industries
2116 ADAFRUIT-2116 Datasheet
93Kb / 2P
Universal Qi Wireless Charging Module - 20mm Forward MicroUSB
logo
WAGO Kontakttechnik Gmb...
2116-1201 WAGO-2116-1201 Datasheet
683Kb / 14P
2-conductor through terminal block; with lever and Push-in CAGE CLAMP짰
24.11.2021
2116-1207 WAGO-2116-1207 Datasheet
708Kb / 14P
2-conductor ground terminal block; with lever and Push-in CAGE CLAMP짰
24.11.2021
2116-1291 WAGO-2116-1291 Datasheet
43Kb / 2P
End and intermediate plate; 1 mm thick; gray
24.11.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com