Electronic Components Datasheet Search
  English  ▼

X  

AP20G06NF Datasheet(PDF) 3 Page - A POWER MICROELECTRONICS

Part # AP20G06NF
Description  60V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP20G06NF Datasheet(HTML) 3 Page - A POWER MICROELECTRONICS

  AP20G06NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP20G06NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP20G06NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP20G06NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP20G06NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP20G06NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP20G06NF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP20G06NF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP20G06NF Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP20G06NF
60V N+P-Channel Enhancement Mode MOSFET
AP6G06S REV1.0
永源微電子科技有限公司
P-Electrical Characteristics (TJ =25 ℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250µA
-60
-
-
V
lGSS
Gate-body Leakage current
VDS=0V, VGS=±20V
-
-
±100
nA
IDSS
Zero Gate Voltage Drain Current TJ= 25°C
VDS=-60V, VGS=0V
-
-
-1
μA
Zero Gate Voltage Drain Current TJ= 25°C
-
-
-100
VGS(th)
Gate-Threshold Voltage
VDS=VGS, ID=-250µA
-1
-1.6
-2.5
V
RDS(on)
Drain-Source On-Resistance4
VGS=-10V, ID=-10A
-
68
90
mΩ
VGS=-4.5V, ID=-5A
81
95
gfs
Forward Transconductance4
VDS=-10V, ID=-10A
-
30
-
S
Ciss
Input Capacitance
VDS=-30V, VGS=0V,
f = 1MHz
-
1022
-
pF
Coss
Output Capacitance
-
47
-
Crss
Reverse Transfer Capacitance
-
39
-
Rg
Gate Resistance
f=1MHz
-
11
-
Ω
Qg
Total Gate Charge
VGS=-10V, VDS=-30V,
ID=-10A
-
17
-
nC
Qgs
Gate-Source Charge
-
2.9
-
Qgd
Gate-Drain Charge
-
7.4
-
td(on)
Turn-On Delay Time
VGS=-10V, VDD=-30V,
RG=3Ω, ID=-10A
-
8.5
-
ns
tr
Rise Time
-
19.9
-
td(off)
Turn-Off Delay Time
-
44
-
tf
Fall Time
-
12.2
-
VSD
Diode Forward Voltage4
IS=-1A, VGS=0V
-
-
-1.2
V
IS
Continuous Source Current TC= 25°C
-
-
-
-6.2
A
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating VDD =-48V,V GS =-10V ,L=0.1mH,RG=25Ω,ID=-14A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com