Electronic Components Datasheet Search
  English  ▼

X  

EP1084DB Datasheet(PDF) 1 Page - Eorex Corporation

Part # EP1084DB
Description  5A Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1084DB Datasheet(HTML) 1 Page - Eorex Corporation

  EP1084DB Datasheet HTML 1Page - Eorex Corporation EP1084DB Datasheet HTML 2Page - Eorex Corporation EP1084DB Datasheet HTML 3Page - Eorex Corporation EP1084DB Datasheet HTML 4Page - Eorex Corporation EP1084DB Datasheet HTML 5Page - Eorex Corporation EP1084DB Datasheet HTML 6Page - Eorex Corporation EP1084DB Datasheet HTML 7Page - Eorex Corporation EP1084DB Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
eorex
(Preliminary)
EP1084
Jul. 2006
www.eorex.com
1/8
5A Low Dropout Linear Regulator
Features
• Output current limiting
• Adjustable output voltage or fixed 1.5V, 1.8V,
2.5V, 3.3V, 5.0V
• Good noise rejection
• 1.4V maximum dropout at full load current
• Built-in thermal shutdown
• Fast transient response
• Packages: TO252, TO263
Applications
• PC peripheral
• Low Voltage Logic Supplies
• Post Regulator for Switching Power Supply
Description
EP1084 is a low dropout positive adjustable or
fixed-mode regulator with minimum of 5.0A output
current capability. The product is specifically
designed to provide well-regulated supply for low
voltage IC applications such as high-speed bus
termination and low current 3.3V logic supply.
EP1084 is also well suited for other applications
such as VGA cards. EP1084 is guaranteed to
have lower than 1.4V dropout at full load current
making it ideal to provide well-regulated outputs
of 1.25 to 3.3V with 4.7 to 12V input supply.
Typical Application
Fixed Mode Regulator
5.0V to 2.5V Adjustable Regulator
VOUT= VREF ×
⎟
⎠
⎞
⎜
⎝
⎛
+
R1
R2
1
VREF =1.25V
R1≒100Ω~200Ω


Similar Part No. - EP1084DB

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP1084 EOREX-EP1084_15 Datasheet
284Kb / 8P
5A Low Dropout Linear Regulator
More results

Similar Description - EP1084DB

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
5A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com