Electronic Components Datasheet Search
  English  ▼

X  

PSG08017 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG08017
Description  Replacement Headphone Pads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG08017 Datasheet(HTML) 1 Page - Pro-Signal

  PSG08017 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
31/03/22
Replacement Headphone Pads
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Replacement Headphone Pads 45mm
Diameter, 10 Pack
PSG08017
Features
•  Replacement headphone foam pads
•  Soft & comfortable
•  For headphone ear pieces up to 45mm diameter
Diagram


Similar Part No. - PSG08017

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG08052 PROSIGNAL-PSG08052 Datasheet
227Kb / 1P
VGA Male to 2x VGA Female
V1.0 17/11/21
PSG08094 PROSIGNAL-PSG08094 Datasheet
282Kb / 1P
Coaxial to Optical Adapter
V1.0 02/09/21
More results

Similar Description - PSG08017

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ATN3580 SKYWORKS-ATN3580 Datasheet
112Kb / 4P
Fixed Attenuator Pads
logo
JFW Industries, Inc.
57Z JFW-57Z Datasheet
41Kb / 1P
Impedance Matching Pads
logo
OEN India Limited
04-MP750X OENINDIA-04-MP750X Datasheet
51Kb / 1P
Nylon Mounting Pads
logo
Golledge Electronics Lt...
MCSO1ESW GOLLEDGE-MCSO1ESW Datasheet
552Kb / 4P
Optional tinned pads
MCSO1ESV GOLLEDGE-MCSO1ESV Datasheet
552Kb / 4P
Optional tinned pads
MCSO1ESHW GOLLEDGE-MCSO1ESHW Datasheet
548Kb / 4P
Optional tinned pads
MCSO1ESHV GOLLEDGE-MCSO1ESHV Datasheet
548Kb / 4P
Optional tinned pads
MCSO1ESH GOLLEDGE-MCSO1ESH Datasheet
548Kb / 4P
Optional tinned pads
MCSO1ES GOLLEDGE-MCSO1ES Datasheet
551Kb / 4P
Optional tinned pads
logo
Maxim Integrated Produc...
DS9096P MAXIM-DS9096P Datasheet
129Kb / 2P
iButton??Adhesive Pads
2009
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com