Electronic Components Datasheet Search
  English  ▼

X  

PSG08482 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG08482
Description  Digital Indoor/ Outdoor Thermometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG08482 Datasheet(HTML) 1 Page - Pro-Signal

  PSG08482 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
07/04/22
Digital Indoor/ Outdoor Thermometer
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Digital Indoor/ Outdoor Thermometer
PSG08482
Description
The internal and external temperature of environmental room is written down to press RESET key
and remove at present ,quantity is examined and will go on automatically again. Press°C/°F key
to change the display °C or °F.
Features
•  Digital thermometer for use indoors or outdoors
•  1.8m Lead with probe
•  12mm High LCD display
•  Selectable °C or °F temperature display
•  Maximum & minimum temperature memory
•  Wall or desk mountable
•  Ideal for use in refrigerators and freezers
•  Indoor range: -20°C to +50°C (-4°F to +122°F)
•  Outdoor range: -50°C to +70°C (-58°F to +158°F)
•  Resolution: 0.1°C/°F
•  Requires 2× AAA batteries (not included)
•  Weight: 76g


Similar Part No. - PSG08482

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG08483 PROSIGNAL-PSG08483 Datasheet
150Kb / 1P
Digital Thermo Hygrometer
V1.0 08/08/19
logo
Pro-Power
PSG08483 PROPOWER-PSG08483 Datasheet
134Kb / 1P
Silicon Glass Sleeving
07/06/12 V1.1
logo
Pro-Signal
PSG08484 PROSIGNAL-PSG08484 Datasheet
155Kb / 1P
Digital Thermo Hygrometer
V1.0 08/08/19
PSG08485 PROSIGNAL-PSG08485 Datasheet
240Kb / 1P
Digital Thermo Hygrometer
V1.0 01/12/23
More results

Similar Description - PSG08482

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
40102F EXTECH-40102F Datasheet
141Kb / 1P
Recording Indoor/Outdoor Thermometer Clock
401014 EXTECH-401014 Datasheet
110Kb / 1P
Big Digit Indoor/Outdoor Thermometer
445713 EXTECH-445713 Datasheet
175Kb / 1P
Big Digit Indoor/Outdoor Hygro-Thermometer
logo
OSRAM GmbH
LSGT67K-JL-1-HK-1 OSRAM-LSGT67K-JL-1-HK-1 Datasheet
550Kb / 18P
indoor and outdoor displays
LTRBGFSF-ABCB-QKYO OSRAM-LTRBGFSF-ABCB-QKYO Datasheet
1Mb / 28P
indoor and outdoor displays
logo
Laird Tech Smart Techno...
YE490012 LSTD-YE490012 Datasheet
924Kb / 2P
Indoor/outdoor mounting options
logo
OSRAM GmbH
LYGT67K OSRAM-LYGT67K Datasheet
548Kb / 18P
indoor and outdoor displays
logo
Maxim Integrated Produc...
DS1621 MAXIM-DS1621_V01 Datasheet
525Kb / 16P
Digital Thermometer and
2015
logo
MOSDESIGN SEMICONDUCTOR...
M82371 MOSDESIGN-M82371 Datasheet
133Kb / 4P
Indoor and outdoor thermometer and clock control IC
2012-04-09
logo
Belden Inc.
FDSL006P0 BELDEN-FDSL006P0 Datasheet
138Kb / 2P
Indoor/Outdoor Indoor/Outdoor Plenum Loose Tube OS2 6F
11-09-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com