Electronic Components Datasheet Search
  English  ▼

X  

PSG91064 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG91064
Description  2.0 USB Adapter Type A Plug to Receptacle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG91064 Datasheet(HTML) 1 Page - Pro-Signal

  PSG91064 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
25/05/22
2.0 USB Adapter
Type A Plug to Receptacle
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Specification
Connector Side A
: Type A Plug
Connector Side B
: Type A Receptacle
USB Type
: 2.0
All cable 100% test
: open, short, miss wire.
Resistance
: 2Ω max.
Insulation Resistance
: 100MΩ min.
Hi-top
: 300V DC/10ms.
Pin Assignment
P1
P2
1
Red
1
2
White
2
3
Green
3
4
Black
4
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
2.0 USB Adapter, Type A Plug to Receptacle
PSG91064
Features
• Projects 21mm from ports when connected
• Dimensions (HxWxD): 28mm × 17mm × 34mm
1
1007 - 26AWG BC Wire
PCS
4
2
USB2.0AM Nickle plated
PCS
1
3
USB2.0AF Nickle plated
PCS
1
4
Inner modual PE (LDPE)
G
1.5
5
Black PVC
G
3


Similar Part No. - PSG91064

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG91066 PROSIGNAL-PSG91066 Datasheet
178Kb / 1P
3.0 USB Adapter Type A Plug to Receptacle
25/05/22 V1.0
More results

Similar Description - PSG91064

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-340 GLENAIR-233-340 Datasheet
308Kb / 1P
USB 2.0 Plug-to-Receptacle
233-370 GLENAIR-233-370 Datasheet
131Kb / 1P
USB 2.0 Plug-to-Receptacle
logo
List of Unclassifed Man...
MC001001 ETC2-MC001001 Datasheet
156Kb / 1P
USB C to USB 2.0 A Plug Cable
logo
Rosenberger Hochfrequen...
MU1S101-000 ROSENBERGER-MU1S101-000 Datasheet
745Kb / 2P
USB 2.0 A PLUG
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
L99-989-1800 ROSENBERGER-L99-989-1800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
L99-M0014-1000-A ROSENBERGER-L99-M0014-1000-A Datasheet
625Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B ADAPTER
MU1S101-000Z ROSENBERGER-MU1S101-000Z Datasheet
745Kb / 2P
USB 2.0 A PLUG
logo
List of Unclassifed Man...
USBA2C1MOUSBC ETC-USBA2C1MOUSBC Datasheet
165Kb / 1P
DETACHABLE USB CORD, USB A TO USB C TYPE 2.0
11/18/18
logo
Molex Electronics Ltd.
847290024 MOLEX-847290024 Datasheet
81Kb / 1P
2.0 USB-A TO USB MINI B RECEPTACLE
2013/01/18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com