Electronic Components Datasheet Search
  English  ▼

X  

PSG91066 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG91066
Description  3.0 USB Adapter Type A Plug to Receptacle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG91066 Datasheet(HTML) 1 Page - Pro-Signal

  PSG91066 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
25/05/22
3.0 USB Adapter
Type A Plug to Receptacle
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Specification
Connector Side A
: Type A Plug
Connector Side B
: Type A Receptacle
USB Type
: 3.0
All cable 100% test
: open, short, miss wire.
Resistance
: 2Ω max.
Insulation Resistance
: 100MΩ min.
Hi-top
: 300V DC/10ms.
Pin Assignment
Side-A
Side-B
1
Red
1
2
White
2
3
Green
3
4
Black
4
5
Blue
8
6
Yellow
9
7
D
7
8
Purple
5
9
Orange
6
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
3.0 USB Adapter, Type A Plug to Receptacle
PSG91066
Features
• Projects 21mm from ports when connected
• Dimensions (HxWxD): 28mm × 17mm × 34mm
1
1007 - 26AWG BC Wire
PCS
4
2
USB3.0AM Nickle plated
PCS
1
3
USB3.0AF Nickle plated
PCS
1
4
Inner modual PE (LDPE)
G
1.5
5
Black PVC
G
3


Similar Part No. - PSG91066

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG91064 PROSIGNAL-PSG91064 Datasheet
158Kb / 1P
2.0 USB Adapter Type A Plug to Receptacle
25/05/22 V1.0
More results

Similar Description - PSG91066

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GSB316431CEU AMPHENOL-GSB316431CEU Datasheet
94Kb / 1P
USB 3.0 CONNECTOR STANDARD A TYPE, PLUG R/A SMT
logo
Wurth Elektronik GmbH &...
692112030100 WURTH-692112030100 Datasheet
637Kb / 2P
USB 3.0 SMT PLUG WITH CLIP TYPE A
logo
FCI connector
10117836-001LF FCI-CONNECTOR-10117836-001LF Datasheet
90Kb / 1P
USB 3.0 Standard-A Receptacle Vertical Type Soldering to Board Termination
logo
TE Connectivity Ltd
C-1932258 TEC-C-1932258 Datasheet
309Kb / 1P
USB 3.0 TYPE A RECEPTACLE STANDARD TYPE
logo
Pulse A Technitrol Comp...
E8199-030-01 PULSE-E8199-030-01 Datasheet
86Kb / 1P
USB 3.0 B TYPE RECEPTACLE
E8199-060-01 PULSE-E8199-060-01 Datasheet
180Kb / 2P
USB 3.0 A TYPE PLUG
E8199-001-01 PULSE-E8199-001-01 Datasheet
270Kb / 2P
USB 3.0 A TYPE RECEPTACLE
E8199-070-01 PULSE-E8199-070-01 Datasheet
109Kb / 1P
USB 3.0 B TYPE PLUG
logo
Bel Fuse Inc.
CT520003 BEL-CT520003 Datasheet
306Kb / 2P
USB 3.0 Stacked Right Angle Receptacle Type A
Rev. A0
logo
Molex Electronics Ltd.
PK-48405-001 MOLEX-PK-48405-001 Datasheet
216Kb / 2P
USB 3.0 CONNECTOR A RECEPTACLE 90DIP TYPE
2013.6.6
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com