Electronic Components Datasheet Search
  English  ▼

X  

WIT910 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # WIT910
Description  900MHz Frequency Hopping Transceiver OEM Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

WIT910 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  WIT910 Datasheet HTML 1Page - RF Monolithics, Inc WIT910 Datasheet HTML 2Page - RF Monolithics, Inc WIT910 Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 3
©2008 by RF Monolithics, Inc.
WIT910 - 4/10/08
DEVELOPER KIT
(Info: click here)
General Specifications
RF Frequency
902 to 927 MHz
Radio Certification
FCC Part 15.247, license free
Operating Range
Indoor: 1000’+ Outdoor: >20 miles with omni-directional antenna
Network Topology
Star network
Network Protocol
Dynamically Assigned TDMA
Error Detection and Correction
24 bit CRC and ARQ
Serial Data Interface
Asynchronous (RS-232) CMOS signals, 3.3v; 5v tolerant
I/O Data Rate
Up to 86.4 Kbps, software selectable
Channel Data Rate
172.8 Kbps
# of Frequency Channels
54
RF Bandwidth
460 KHz
Transmit Power Output
500mW, 100mW, 10mW, software selectable
Receiver Sensitivity
-103 dBm for 10-5 BER
Supply voltage
3.3 v to 10 v, 5 v nominal
Current Consumption
(500mW Transmit Power, 57.6Kbps I/O)
Remote
Sleep
250µA
Base
Continuous
125mA
Operation
Stby
43mA
Operation
Peak (Tx)
600mA
Typical
<100mA
Peak (Tx)
600mA
Size
80.2mm x 46.5mm x 8.6mm
Weight
35g
Operating Temperature
-40 C to 70 C
Humidity
20% to 90% (non-condensing)
Combining 900MHz frequency hopping technology and 500mW of transmit power, the WIT910 is the latest
in a long line of wireless OEM transceiver modules from RFM. With the same physical dimensions of the
industry-leading WIT2410 module, smaller than a business card and just 8.6mm thick, the WIT910 provides
immunity to both jamming and multipath fading. The WIT910 also provides a low power consumption mode
suitable for battery operation.
900MHz
Frequency
Hopping
Transceiver OEM
Module
WIT910
Features:
• 900 MHz Frequency Hopping Spread
Spectrum technology
• 20+ mile range w/omni-directional
antennas
• 3.3 Volt operation
• Low power consumption
• Small size, light weight
• 172.8 Kbps channel data rate
• RS-232 style asynchronous interface
• FCC certified for unlicensed operation
Benefits:
• License-free operation
• Immunity to jamming and multipath
fading
• Supports long range applications
• Ideal for battery powered devices
• Supports large number of nodes
• Easy to integrate
• Shortens time to market
WIT910


Similar Part No. - WIT910

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
WIT910DK MURATA-WIT910DK Datasheet
144Kb / 1P
OEM Module Developer?셲 Kits
WIT910M MURATA-WIT910M Datasheet
221Kb / 3P
900 MHz FHSS Transceiver Module
WIT910M2 MURATA-WIT910M2 Datasheet
374Kb / 2P
900 MHz FHSS Transceiver Module
WIT910SDK MURATA-WIT910SDK Datasheet
145Kb / 1P
OEM Module Developer
More results

Similar Description - WIT910

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WIT2400 ETC1-WIT2400 Datasheet
77Kb / 2P
Frequency Hopping Transceiver OEM Module
logo
RF Monolithics, Inc
DNT90CA RFM-DNT90CA Datasheet
192Kb / 7P
900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
Murata Manufacturing Co...
DNT24ADK MURATA-DNT24ADK Datasheet
89Kb / 1P
2.4 GHz Frequency Hopping Transceiver Module Development Kit
DNT24DK MURATA-DNT24DK Datasheet
89Kb / 1P
2.4 GHz Frequency Hopping Transceiver Module Development Kit
DNT90DK MURATA-DNT90DK Datasheet
86Kb / 1P
900 MHz Frequency Hopping Transceiver Module Development Kit
HN-291 MURATA-HN-291 Datasheet
92Kb / 3P
900MHz Frequency Hopping Wireless Data Modem
HN-291X MURATA-HN-291X Datasheet
92Kb / 3P
900MHz Frequency Hopping Wireless Data Modem
HN-591 MURATA-HN-591 Datasheet
64Kb / 3P
900MHz Frequency Hopping Wireless Data Modem
SNAP910 MURATA-SNAP910 Datasheet
63Kb / 3P
900MHz High-Speed Frequency Hopping Network Access Point
logo
List of Unclassifed Man...
TRW-V4S-900 ETC2-TRW-V4S-900 Datasheet
770Kb / 11P
900MHz Frequency-Hopping Spread Spectrum RF Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com