Electronic Components Datasheet Search
  English  ▼

X  

IXDI404SI Datasheet(PDF) 8 Page - IXYS Corporation

Part # IXDI404SI
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI404SI Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IXDI404SI Datasheet HTML 3Page - IXYS Corporation IXDI404SI Datasheet HTML 4Page - IXYS Corporation IXDI404SI Datasheet HTML 5Page - IXYS Corporation IXDI404SI Datasheet HTML 6Page - IXYS Corporation IXDI404SI Datasheet HTML 7Page - IXYS Corporation IXDI404SI Datasheet HTML 8Page - IXYS Corporation IXDI404SI Datasheet HTML 9Page - IXYS Corporation IXDI404SI Datasheet HTML 10Page - IXYS Corporation IXDI404SI Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
IXDN404 / IXDI404 / IXDF404
Supply Current vs. Load Capacitance
Vcc = 35V
0
10
20
30
40
50
60
70
80
90
100
100
1000
10000
Load Capacitance (pF)
10 kHz
50 kHz
100 kHz
1MHz
500 kHz
2 MHz
Propagation Delay Times vs. Temperature
CL = 1000pF, Vcc = 18V
20
25
30
35
40
45
50
55
60
-60
-10
40
90
140
190
Temperature (C)
tONDLY
tOFFDLY
Supply Current vs. Frequency
Vcc = 35V
0.01
0.1
1
10
100
1000
1
10
100
1000
10000
Frequency (kHz)
200 pF
1000 pF
1800 pF
4700 pF
6800 pF
10000 pF
Propagation Delay vs. Input Voltage
CL = 1800pF Vcc = 15V
20
25
30
35
40
45
50
24
68
10
12
Input Voltage (V)
tONDLY
tOFFDLY
Propagation Delay vs. Supply Voltage
CL = 1800pF Vin = 5V@1kHz
0
10
20
30
40
50
60
70
5
10
15
2025
3035
Supply Voltage (V)
tONDLY
tOFFDLY
Fig. 18
Fig. 17
Fig. 19
Fig. 20
Fig. 21
Fig. 22
Q u ie scent S upply C u rre n t vs. T e m peratu re
V cc = 18 V , V in = 5V @ 1 kH z, C L = 1000 pF
0
0.0 5
0.1
0.1 5
0.2
0.2 5
0.3
-6 0
-10
40
90
140
1 9 0
T e m p e rature (C )



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com