Electronic Components Datasheet Search
  English  ▼

X  

ESMMC512 Datasheet(PDF) 1 Page - Eorex Corporation

Part # ESMMC512
Description  64MB/128MB/256MB/512MB MultiMediaCard?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

ESMMC512 Datasheet(HTML) 1 Page - Eorex Corporation

  ESMMC512 Datasheet HTML 1Page - Eorex Corporation ESMMC512 Datasheet HTML 2Page - Eorex Corporation ESMMC512 Datasheet HTML 3Page - Eorex Corporation ESMMC512 Datasheet HTML 4Page - Eorex Corporation ESMMC512 Datasheet HTML 5Page - Eorex Corporation ESMMC512 Datasheet HTML 6Page - Eorex Corporation ESMMC512 Datasheet HTML 7Page - Eorex Corporation ESMMC512 Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
64MB/128MB/256MB/512MB MultiMediaCardTM
Eorex Corporation
www.eorex.com
1/8
Description
ESMMC64
/
ESMMC128
/
ESMMC256 / ESMMC512 are 64MB
up to 512MB MultiMediaCard
TM. These
are the highly integrated flash memory
with serial and random accessible via a
dedicated serial interface optimized for fast
and reliable data transmission. They are
fully compatible to a new consumer
standard, called the MultiMediaCard
TM
system
standard
defined
in
the
MultiMediaCard
TM
system specification.
The MultiMediaCard
TM
system is a new
mass-storage system based on innovations
in semiconductor technology. It has been
designed to provide an inexpensive,
mechanically robust storage medium in
card form for multimedia consumer
applications and mobile devices (handheld
PCs, digital cameras, MP3 players, etc.) to
store, copy, and move information like a
small hard drive.
Features
Operating Voltage: 2.7V ~ 3.6V
Password data access protection
Small erase block size of 512 bytes,
tagged erase supported.
Read
block
size
programmable
between 1 and 2048 bytes
Damage free powered card insertion
and removal
4KV ESD protection
Read speed
Sustained: 13.7Mbits/s
Burst(one block): 20Mbit/s
Write speed
Sustained: 2.8Mbits/s
Burst(one block): 20Mbit/s
Up to 10 stacked card (at 20MHz,
Vcc = 2.7V to 3.6V)
Access time: 300
µs
Low power dissipation
Pin Definition
Pin No.
Name
Type
Description
1
RSV
NC
No connection
2
CMD
I/O/PP/OD
Command/Response
3
VSS1
S
Ground
4
VCC
S
Power Supply
5
CLK
I
Clock
6
VSS2
S
Ground
7
DAT
I/O/PP
Data


Similar Part No. - ESMMC512

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ESMM161VSN102MA25T CHEMI-CON-ESMM161VSN102MA25T Datasheet
154Kb / 11P
Snap Mount
ESMM161VSN102MP45T CHEMI-CON-ESMM161VSN102MP45T Datasheet
154Kb / 11P
Snap Mount
ESMM161VSN102MQ35T CHEMI-CON-ESMM161VSN102MQ35T Datasheet
154Kb / 11P
Snap Mount
ESMM161VSN102MR30T CHEMI-CON-ESMM161VSN102MR30T Datasheet
154Kb / 11P
Snap Mount
ESMM161VSN122MA25T CHEMI-CON-ESMM161VSN122MA25T Datasheet
154Kb / 11P
Snap Mount
More results

Similar Description - ESMMC512

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
512Mb/256Mb 1.8V NAND Flash Errata
K9F1208Q0A SAMSUNG-K9F1208Q0A Datasheet
655Kb / 39P
512Mb/256Mb 1.8V NAND Flash Errata
K9D1G08V0M SAMSUNG-K9D1G08V0M Datasheet
657Kb / 37P
64MB & 128MB SmartMediaTM Card
M464S1724ETS SAMSUNG-M464S1724ETS Datasheet
299Kb / 15P
64MB, 128MB Unbuffered SODIMM
KBE00G003M SAMSUNG-KBE00G003M Datasheet
1Mb / 89P
NAND 512Mb*2 Mobile SDRAM 256Mb*2
logo
Eorex Corporation
ESSDC64 EOREX-ESSDC64 Datasheet
180Kb / 6P
64MB/128MB/256MB/512MB Secure Digital Card
logo
Elpida Memory
HB54A2569F1U ELPIDA-HB54A2569F1U Datasheet
200Kb / 17P
256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1 ELPIDA-HB54A2569F1 Datasheet
190Kb / 17P
256MB, 512MB Registered DDR SDRAM DIMM
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
PF48F4400P0VBQEK MICRON-PF48F4400P0VBQEK Datasheet
1Mb / 95P
256Mb and 512Mb (256Mb/256Mb), P30-65nm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com