Electronic Components Datasheet Search
  English  ▼

X  

EP3101 Datasheet(PDF) 7 Page - Eorex Corporation

Part # EP3101
Description  150 KHz, 3A Asynchronous Step-down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3101 Datasheet(HTML) 7 Page - Eorex Corporation

Back Button EP3101 Datasheet HTML 3Page - Eorex Corporation EP3101 Datasheet HTML 4Page - Eorex Corporation EP3101 Datasheet HTML 5Page - Eorex Corporation EP3101 Datasheet HTML 6Page - Eorex Corporation EP3101 Datasheet HTML 7Page - Eorex Corporation EP3101 Datasheet HTML 8Page - Eorex Corporation EP3101 Datasheet HTML 9Page - Eorex Corporation EP3101 Datasheet HTML 10Page - Eorex Corporation EP3101 Datasheet HTML 11Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
eorex
EP3101
Jul. 2006
www.eorex.com
7/13
Functional Block Diagram
150KHz
OSC
Current
Source
Bias
2
FB
3
4
1
5
VIN
200mV
3A
Switch
1.235V
Reference
2.5V
Regulator
Start
up
Frequency
Compensation
-
+
Comp
-
+
Comp
-
+
Comp
Amp
-
+
Thermal
Shutdown
Pre-driver
EN
SW
GND
200mV
Applications Information
(1) Fixed Type Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com