Electronic Components Datasheet Search
  English  ▼

X  

EC12 Datasheet(PDF) 3 Page - ALPS ALPINE CO., LTD.

Part # EC12
Description  12mm Size Insulated Shaft Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPSALPINE [ALPS ALPINE CO., LTD.]
Direct Link  https://www.alpsalpine.com/e/
Logo ALPSALPINE - ALPS ALPINE CO., LTD.

EC12 Datasheet(HTML) 3 Page - ALPS ALPINE CO., LTD.

  EC12 Datasheet HTML 1Page - ALPS ALPINE CO., LTD. EC12 Datasheet HTML 2Page - ALPS ALPINE CO., LTD. EC12 Datasheet HTML 3Page - ALPS ALPINE CO., LTD. EC12 Datasheet HTML 4Page - ALPS ALPINE CO., LTD. EC12 Datasheet HTML 5Page - ALPS ALPINE CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
176
Metal
Shaft
Insulated
Shaft
Hollow
Shaft
Ring
Type
Detector
Slide
Push
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT SwitchTM
17.5
3
5
0.5
14.1
12.5
A
C
D
B
E
3.5
ø6.8
Mounting surface
5 (6)
Switch travel
Shaft Dimensions
Flat Type
Unit:mm
EC12E
EC12D
With bushing type
LM1
R1
20
25
30
35
A
—
—
5
5
7
12
12
12
LM1
R1
17.5
20
22.5
25
5
7
7
12
12
30
Detailed dimensions
Excluding the 12 detent type
※
Not available for types without detents
※
※
Detailed dimensions
LM1
R1
Mounting surface
Locating lug detail
No thread area
1
3.5
LM1
7
5.5
3.5
M9x0.75
Mounting surface
R1
A
14
12.4
(8.2)
2.5
X
X
Y
Y
Dimensions
Unit:mm
No.
4
5
Photo
Style
PC board mounting hole dimensions
(Viewed from mounting side)
Locating lug detail
No thread area
1
3.5
LM1
7
5.5
3.5
M9x0.75
Mounting surface
R1
A
14
12.4
(8.2)
2.5
X
X
Y
Y
13.2
2
3-ø1
2
5
C
A
B
holes
With bushing
With push-on switch
type
13.3
11.1
2.05
2.05
5.95
A
CD
B
E
5-ø1.05 holes
A
-
-
LM1
20
25
R1
7
12
5
30
12
Output wave
A signal
B signal
OFF
ON
ON
OFF
CW direction
Detent stabillity position
(When the switch is provided)
Sliding noise
5V DC
RR
Terminal B
Terminal A
Terminal C
Encoder
Test circuit
tt
V1
V2
ON
ON
OFF
Output waveform
Sliding direction
t : Masking time to avoid chattering
Measurement condition:Rotation speed 360
˚/s
EC12E
EC12D
V1 = V2 = 1.5V max.
At R = 10k Ω
Chattering : 3ms max.
Bounce : 2ms max.
V1 = V2 = 2.5V max.
At R = 5k Ω
Chattering : 3ms max.
Bounce : 2ms max.
12mm Size Insulated Shaft Type Product Varieties
EC12
12mm Size Insulated Shaft Type
A signal
B signal
ON
OFF
OFF
ON
CW direction
Detent stabillity position
※Detent position cannot be specified for B signal.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com