Electronic Components Datasheet Search
  English  ▼

X  

ICL3232IAZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICL3232IAZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232IAZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICL3232IAZ Datasheet HTML 10Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 11Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 12Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 13Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 14Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 15Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 16Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 17Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
4. Application Information
FN4805 Rev.23.00
Page 14 of 36
Apr.26.19
The resulting new maximum voltages at V+ and V- are listed in Table 4.
4.2
Transmitters
The transmitters are proprietary, low dropout, inverting drivers that translate TTL/CMOS inputs to EIA/TIA-232
output levels. These transmitters are coupled with the on-chip ± 5.5V supplies and deliver true RS-232 levels
across a wide range of single supply system voltages.
Except for the ICL3232, all transmitter outputs disable and assume a high impedance state when the device
enters the powerdown mode (See Table 5 on page 15). These outputs can be driven to ±12V when disabled.
All devices ensure a 250kbps data rate for full load conditions (3kΩ and 1000pF), VCC ≥ 3.0V, with one transmitter
operating at full speed. Under more typical conditions of VCC ≥ 3.3V, RL = 3kΩ, and CL = 250pF, one transmitter
easily operates at 900kbps.
Transmitter inputs float if left unconnected and may cause ICC increases. Connect unused inputs to GND for the
best performance.
4.3
Receivers
All the ICL32xx devices contain standard inverting receivers that three-state (except for the ICL3232) using the
EN or FORCEOFF control lines. Additionally, the two ICL324X products include noninverting (monitor) receivers
(denoted by the ROUTB label) that are always active, regardless of the state of any control lines. All the receivers
convert RS-232 signals to CMOS output levels and accept inputs up to ±25V while presenting the required 3kΩ to
7kΩ input impedance (see Figure 7) even if the power is off (VCC = 0V). The receivers’ Schmitt trigger input stage
uses hysteresis to increase noise immunity and decrease errors due to slow input signal transitions.
Table 3.
V+ and V- Values for Vcc = 4.5V to 5.5V
C1 (μF)
C2, C3, C4 (μF)
Load
T1IN (Logic
State)
V+ (V)
V- (V)
VCC = 4.5V
VCC = 5.5V
VCC = 4.5V
VCC = 5.5V
0.1
0.1
Open
H
7.44
8.48
-6.16
-6.4
L
7.44
8.48
-6.16
-6.44
2.4kbps
7.44
8.48
-6.17
-6.44
3kΩ // 1000pF
H
7.76
8.88
-6.36
-6.72
L
7.08
8
-5.76
-5.76
2.4kbps
7.76
8.84
-6.4
-6.64
0.047
0.33
Open
H
6.44
6.88
-5.8
-5.88
L
6.48
6.88
-5.84
-5.88
2.4kbps
6.44
6.88
-5.8
-5.88
3kΩ // 1000pF
H
6.64
7.28
-5.92
-6.04
L
6.24
6.6
-5.52
-5.52
2.4kbps
6.72
7.16
-5.92
-5.96
1
1
Open
H
6.84
7.6
-5.76
-5.76
L
6.88
7.6
-5.76
-5.76
2.4kbps
6.92
7.56
-5.72
-5.76
3kΩ // 1000pF
H
7.28
8.16
-5.8
-5.92
L
6.44
6.84
-5.64
-6.84
2.4kbps
7.08
7.76
-5.8
-5.8
Table 4.
New Measured Withstanding Voltages
V+, V- to Ground
±13V
V+ to V-
20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com