Electronic Components Datasheet Search
  English  ▼

X  

2355104 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 2355104
Description  AMPMODU 2mm BREAKAWAY HEADER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2355104 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  2355104 Datasheet HTML 1Page - TE Connectivity Ltd 2355104 Datasheet HTML 2Page - TE Connectivity Ltd 2355104 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PRODUCT OFFERINGS
Type
Orientation
Solder Lead
Length
Tin
0.1µm
[4µ”]
Gold
0.38µm
[15µ”]
Gold
0.76µm
[30µ”]
Gold
Packaging
Vertical
TH/
THR
2.8mm
[0.110”]
2355201
2355172
2355181
2355186
Box (without Cap)
2355195
2355045
2355177
2355182
Tube (without Cap)
2355197
2355104
2355179
2355184
Tube (with Cap)
2355199
2355122
2355180
2355185
Tape & Reel (with Cap)
Right
Angle
TH/
THR
2.8mm
[0.110”]
2842121
2842122
2842123
2842124
Box (without Cap)
2842109
2842110
2842111
2842112
Tube (without Cap)
2842113
2842114
2842115
2842116
Tube (with Cap)
2842117
2842118
2842119
2842120
Tape & Reel (with Cap)
Vertical
SMT
-
2842105
2842106
2842107
2842108
Tube (with Cap)
2842101
2842102
2842103
2842104
Tape & Reel (with Cap)
Single Row (2-25 pins)
Position
Part Number
Position
Part Number
2
xxxxxxx-2
14
1-xxxxxxx-4
3
xxxxxxx-3
15
1-xxxxxxx-5
4
xxxxxxx-4
16
1-xxxxxxx-6
5
xxxxxxx-5
17
1-xxxxxxx-7
6
xxxxxxx-6
18
1-xxxxxxx-8
7
xxxxxxx-7
19
1-xxxxxxx-9
8
xxxxxxx-8
20
2-xxxxxxx-0
9
xxxxxxx-9
21
2-xxxxxxx-1
10
1-xxxxxxx-0
22
2-xxxxxxx-2
11
1-xxxxxxx-1
23
2-xxxxxxx-3
12
1-xxxxxxx-2
24
2-xxxxxxx-4
13
1-xxxxxxx-3
25
2-xxxxxxx-5
PART NUMBER DEFINITION
PAGE 2
INDUSTRIAL /// AMPMODU 2mm BREAKAWAY HEADER
AMPMODU 2mm BREAKAWAY HEADER
ELECTRICAL
• Current Rating: 2A (max.)
• Dielectric Withstanding Voltage: 650VAC
• Operating Voltage: 125VDC
MECHANICAL
• Operating Temperature: -40°C to 125°C
• Reflow Solder: Capable to 260°C
• Vibration: No electrical discontinuity greater than
1 microsecond
MATERIALS
Plating: 0.76
µm [30µ’’] Gold, 0.38µm [15µ’’] Gold, 0.1µm [4µ’’]
Gold, Tin
Housing Material: High Temperature Plastic, UL 94V0, Black
Contact Material: Brass
SPECIFICATIONS
• RoHS & REACH Compliant
• UL Certified
• Product Specification: 108-64040
• Application Specification: 114-32259



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com