Electronic Components Datasheet Search
  English  ▼

X  

RTO20 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RTO20
Description  Power Resistors Thick Film Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RTO20 Datasheet(HTML) 3 Page - Vishay Siliconix

  RTO20 Datasheet HTML 1Page - Vishay Siliconix RTO20 Datasheet HTML 2Page - Vishay Siliconix RTO20 Datasheet HTML 3Page - Vishay Siliconix RTO20 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 50005
16
Revision: 05-Jun-07
RTO 20
Vishay Sfernice
Power Resistors Thick Film Technology
OVERLOADS
In any case the applied voltage must be lower than the maximum overload voltage of 375 V.
The values indicated on the graph below are applicable to resistors in air or mounted onto a heatsink.
POWER RATING CHART
The temperature of the heatsink should be maintained within the limits specified.
To improve the thermal conductivity, surfaces in contact should be coated with a silicone grease and the torque applied on the
screw for tightening should be around 1 Nm. Spring clip can also be used to mount the component on an heatsink (ex: Kunze,
clip KU4-498).
MARKING
Model, Style, Resistance Value (in
Ω), Tolerance (in %), Manufacturing Date, VISHAY trademark.
PACKAGING
Tube of 50 units
ORDERING INFORMATION
RTO
20
F
U68
5 %
xxx
TU50
e3
MODEL
STYLE
CONNECTIONS
RESISTANCE VALUE
TOLERANCE
CUSTOM DESIGN
PACKAGING
LEAD (Pb)-FREE
F: Radial Leads
C: Surface Mount
± 1 %
± 2 %
± 5 %
± 10 %
Optional
on request:
special TCR,
shape etc.
SAP PART NUMBERING GUIDELINES
RTO
020
F
R6800
J
T
e3
MODEL
STYLE
CONNECTIONS
RESISTANCE VALUE
TOLERANCE
PACKAGING
LEAD (Pb)-FREE
10-6
OVERLOAD DURATION IN SECONDS
ENERGY CURVE
0.01
0.1
1
10
10-5
10-4
10-3
10-2
10-1
10-7
100
0
100
75
50
25
0
HEATSINK TEMPERATURE IN °C
20
40
60
80
100
120
140
155
120



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com