Electronic Components Datasheet Search
  English  ▼

X  

PCF2131TF Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF2131TF
Description  PCF2131-ARD evaluation board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131TF Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF2131TF Datasheet HTML 4Page - NXP Semiconductors PCF2131TF Datasheet HTML 5Page - NXP Semiconductors PCF2131TF Datasheet HTML 6Page - NXP Semiconductors PCF2131TF Datasheet HTML 7Page - NXP Semiconductors PCF2131TF Datasheet HTML 8Page - NXP Semiconductors PCF2131TF Datasheet HTML 9Page - NXP Semiconductors PCF2131TF Datasheet HTML 10Page - NXP Semiconductors PCF2131TF Datasheet HTML 11Page - NXP Semiconductors PCF2131TF Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
NXP Semiconductors
UM11597
PCF2131-ARD evaluation board
4.5 I2C/SPI bus selection
The PCF2131TF can interface with an SPI or I2C interface. While SPI interface is
selected, install jumpers on J2 across pins 1&2, 3&4, 5&6, 7&8, 9&10. While I2C interface
is selected, install jumpers on J1 across pins 1&2, 3&4, 5&6, 7&8, 9&10. Placing a
jumper across pins 1&2 on J1 or J2 shorts the IFS pin to either VDD (to select I2C
interface) or GND (to select SPI interface).
J3 selects the I2C-bus source from Arduino interface (pins 9 and 10, connector J12, or
pins 5 and 6, connector J6).
aaa-043564
J1
J2
OPEN
CLOSE
CLOSE
OPEN
I2C
SPI
CLOSE for I2C
Interface
CLOSE for SPI
Interface
Add Jumpers to
isolate pull up
resistors from 3.3V
power
Change IFS
connection to
PCFVDD or VBBS
PCFVDD
VBBS
VDD_3V3
PCFVDD
VBBS
R12
0
J2
HDR_2X7
JUMPER(DEFAULT) = 1-2, 3-4, 5-6, 7-8, 9-10: OFF
JUMPER(OPTION1) = 1-2, 3-4, 5-6, 7-8, 9-10: ON - SPI-bus active
1
2
3
4
5
6
7
8
9
10
11
12
13
14
R2
10K
J1
HDR_2X7
JUMPER(DEFAULT) = 1-2, 3-4, 5-6, 7-8, 9-10: ON - I2C-bus active
JUMPER(OPTION1) = 1-2, 3-4, 5-6, 7-8, 9-10: OFF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
R1
10K
R13
0
DNP
R4
10K
J15
HDR_2X4
JUMPER(DEFAULT) = 1-2, 3-4, 5-6, 7-8: ON - Pull-up res. connected
JUMPER(OPTION1) = 1-2, 3-4, 5-6, 7-8: OFF - Pull-up res. disconnected
1
2
3
4
6
5
7
8
U1
PCF2131
IFS
1
SCL
2
SDI
3
SDO
4
SDA/CE
5
INTA
13
INTB
12
VSS
7
GND
17
CLKOUT
6
TS1
8
TS2
9
TS3
10
TS4
11
BBS
14
VDD
15
VBAT
16
C1
0.1uF
R3
10K
J10
HDR 2X5
1
2
3
4
6
5
7
8
9
10
R11
0
C2
0.1uF
PCFVDD
PCFBAT
VBBS
I2C_SCL
I2C_SDA
I2C_INTA
I2C_INTB
PCF_IFS
SPI_SCK
PCF_SCL
SPI_MOSI
PCF_SDI
SPI_MISO
PCF_SDO
SPI_CE
PCF_SDA
SPI_INTA
SPI_INTB
PCF_INTA
PCF_INTB
CLKOUT
TS1
TS2
TS3
TS4
Figure 2. PCF2131-ARD daughterboard, I2C/SPI bus jumper selection
Note that interface selection should be done before the battery is supplied to VBAT
pin. Once VBAT pin is powered, interface type can’t be changed even with the jumpers
moved from I2C locations to SPI locations, or vice versa. To select a new interface type:
1. Remove power supply to the evaluation board, and disconnect the VBAT pin from
battery power by removing the jumper across J9.3&4, and placing a jumper across
J9.1&2
2. Change Interface Jumpers to either SPI (J2) or I2C (J1)
3. Connect VBAT pin to battery power (remove the jumper across J9.1&2, and place a
jumper across J9.3&4), and power the evaluation board again.
J4 (Aardvark) I2C
J12 (Arduino) I2C
J4 (Aardvark) SPI
J12 (Arduino) SPI
J1
Jumpers
J2
Jumpers
J1
Jumpers
J2
Jumpers
J1
Jumpers
J2
Jumpers
J1
Jumpers
J2
Jumpers
J1 J2
Jumper
Settings
❶=❷
❸=❹
❺=❻
❼=❽
❾=❿
⓫=⓬
⓭=⓮
① ②
③ ④
⑤ ⑥
⑦ ⑧
⑨ ⑩
⑪ ⑫
⑬ ⑭
❶=❷
❸=❹
❺=❻
❼=❽
❾=❿
⑪ ⑫
⑬ ⑭
① ②
③ ④
⑤ ⑥
⑦ ⑧
⑨ ⑩
⑪ ⑫
⑬ ⑭
① ②
③ ④
⑤ ⑥
⑦ ⑧
⑨ ⑩
⑪ ⑫
⑬ ⑭
❶=❷
❸=❹
❺=❻
❼=❽
❾=❿
⓫=⓬
⓭=⓮
① ②
③ ④
⑤ ⑥
⑦ ⑧
⑨ ⑩
⑪ ⑫
⑬ ⑭
❶=❷
❸=❹
❺=❻
❼=❽
❾=❿
⑪ ⑫
⑬ ⑭
Table 2. I2C/SPI bus selection
UM11597
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
User manual
Rev. 1.0 — 15 September 2021
8 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com