Electronic Components Datasheet Search
  English  ▼

X  

LS8-CLN Datasheet(PDF) 12 Page - PANDUIT CORP.

Part # LS8-CLN
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8-CLN Datasheet(HTML) 12 Page - PANDUIT CORP.

Back Button LS8-CLN Datasheet HTML 8Page - PANDUIT CORP. LS8-CLN Datasheet HTML 9Page - PANDUIT CORP. LS8-CLN Datasheet HTML 10Page - PANDUIT CORP. LS8-CLN Datasheet HTML 11Page - PANDUIT CORP. LS8-CLN Datasheet HTML 12Page - PANDUIT CORP. LS8-CLN Datasheet HTML 13Page - PANDUIT CORP. LS8-CLN Datasheet HTML 14Page - PANDUIT CORP. LS8-CLN Datasheet HTML 15Page - PANDUIT CORP. LS8-CLN Datasheet HTML 16Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
10
Mini-Com ® Ultimate ID ® Modular Patch Panels
^One rack space = 1.75" (44.45mm).
Includes #12-24 and metric M6 screws to mount the patch panel to the rack.
UICMPPA48BLY
UICMPP24BLY
UICMPP48BLY
UICMPPA24BLY
• Ultimate ID ® components are part of a complete
system for identification designed to efficiently support
TIA/EIA-606-A standard labeling requirements
• Mount to standard EIA 19" racks
• Accept Mini-Com ® Modules for UTP, fiber optic and
audio/video, which snap in and out for easy moves, adds,
and changes
• Can be clearly identified with the PanTher™ LS8E
Hand-Held Thermal Transfer Printers
• Non-adhesive computer printable label sheets for desktop
printers and write-on labels available
• Replacement label covers available
• Labels sold separately
• Angled patch panels facilitate proper bend radius control
and minimize the need for horizontal cable managers
Part Number
Part Description
No. of
Rack
Spaces^
Labels
Required
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Mini-Com ® Ultimate ID ® Angled Modular Patch Panels
UICMPPA24BLY
24-port angled patch panel with six
UICPPL4BL Mini-Com ®
Ultimate ID ® Faceplates.
1
Six
4-Port
110
UICMPPA48BLY
48-port angled patch panel with twelve
UICPPL4BL MINI-COM ®
Ultimate ID ® Faceplates.
2
Twelve
4-Port
110
Mini-Com ® Ultimate ID ® Modular Patch Panels
UICMPP24BLY
24-port patch panel with six UICPPL4BL
Mini-Com ® Ultimate ID ® Faceplates.
1
Six
4-Port
110
UICMPP48BLY
48-port patch panel with twelve UICPPL4BL
Mini-Com ® Ultimate ID ® Faceplates.
2
Twelve
4-Port
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com