Electronic Components Datasheet Search
  English  ▼

X  

PM-755 Datasheet(PDF) 1 Page - Prokits Industries Co., LTD

Part # PM-755
Description  PK-1700NA Electronic Master Kit (with NEMA plug)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD

PM-755 Datasheet(HTML) 1 Page - Prokits Industries Co., LTD

  PM-755 Datasheet HTML 1Page - Prokits Industries Co., LTD PM-755 Datasheet HTML 2Page - Prokits Industries Co., LTD PM-755 Datasheet HTML 3Page - Prokits Industries Co., LTD PM-755 Datasheet HTML 4Page - Prokits Industries Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P1 / 4
Prokit’s Industries CO., LTD.
5F, No.7, Lane 130,
Ming-Chung Rd., Hsin-Tien Dist,
New Taipei City, Taiwan, R.O.C. Post code: 23114
Tel: 886-2-2218-3233; Fax: 886-2-2218-2722
http://www.prokits.com.tw Email: sales-c@mail.prokits.com.tw
PRODUCT SPECIFICATION
PK-1700NA Electronic Master Kit (with NEMA plug)
*** Picture for reference only.
All specifications are subject to change by supplier. ***
Specifications:
PK-1700NA(Inch) Contents
103-132C
Utility component storage box
1PK-051DS
Dual Color Lineman's Plier(205mm)
1PK-067DS
Dual Color Side CuttingPlier (165mm)
1PK-108T
Reverse Action Tweezer (Self-Gripping) (165mm)
1PK-709DS
Dual Color Long Nose Plier (166mm)
1PK-H026
Adjustable Wrench - 6"
8PK-3161
7 In 1 Crimping Tool


Similar Part No. - PM-755

ManufacturerPart #DatasheetDescription
logo
Prokits Industries Co.,...
PM-755 PROSKITINDUSTRIES-PM-755 Datasheet
197Kb / 2P
Bent Nose Plier (135mm)
PM-755 PROSKITINDUSTRIES-PM-755 Datasheet
990Kb / 2P
PK-2002B Professional Electrical And Mechanical Tool Set, 220V (with EU plug)
PM-755 PROSKITINDUSTRIES-PM-755 Datasheet
988Kb / 2P
PK-2002C Professional Electrical And Mechanical Tool Set, 220V (with UK plug)
More results

Similar Description - PM-755

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
558 MALLORY-558 Datasheet
95Kb / 4P
ELECTRONIC BREAKERLESS CONVERSION KIT
logo
Pomona Electronics
5543B POMONA-5543B Datasheet
132Kb / 2P
Electronic DMM Test Lead Kit
6174 POMONA-6174 Datasheet
76Kb / 1P
Electronic Test Companion Kit
6344 POMONA-6344 Datasheet
27Kb / 1P
Basic Electronic Test Lead Kit
logo
Omron Electronics LLC
G3CN202P1DC328 OMRON-G3CN202P1DC328 Datasheet
1Mb / 21P
Electronic Components Master Selection Guide
logo
Extech Instruments Corp...
TL809 EXTECH-TL809 Datasheet
257Kb / 1P
Electronic Test Lead Kit
logo
Mallory performance clu...
PN2950 MALLORY-PN2950 Datasheet
7Mb / 24P
Atomic LS EFI Master Kit LS2/LS3
PN2960 MALLORY-PN2960 Datasheet
7Mb / 24P
Atomic LS7 EFI Master Kit
logo
Keysight Technologies
U3000A KEYSIGHT-U3000A Datasheet
455Kb / 9P
Electronic Instrumentation Training Kit
logo
ams AG
AS72651 AMSCO-AS72651 Datasheet
956Kb / 66P
Sensor with Electronic Shutter and 18-Channel AS7265x Master Capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com