Electronic Components Datasheet Search
  English  ▼

X  

VLMW11 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMW11
Description  Ultrabright 0603 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW11 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMW11 Datasheet HTML 1Page - Vishay Siliconix VLMW11 Datasheet HTML 2Page - Vishay Siliconix VLMW11 Datasheet HTML 3Page - Vishay Siliconix VLMW11 Datasheet HTML 4Page - Vishay Siliconix VLMW11 Datasheet HTML 5Page - Vishay Siliconix VLMW11 Datasheet HTML 6Page - Vishay Siliconix VLMW11 Datasheet HTML 7Page - Vishay Siliconix VLMW11 Datasheet HTML 8Page - Vishay Siliconix VLMW11 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 81602
Rev. 1.2, 19-Sep-07
Vishay Semiconductors
VLMW11..
Note:
1) T
amb = 25 °C, unless otherwise specified
2) Driving the LED in reverse direction is suitable for short term application
Note:
1) T
amb = 25 °C, unless otherwise specified
Note:
Luminous intensity is tested at a current pulse duration of 25 ms and
an accuracy of ± 11 %.
The above type numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped on
each reel (there will be no mixing of two groups on each reel). In
order to ensure availability, single brightness groups are not be
orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped on
any one reel.
In order to ensure availability, single wavelength groups are not be
orderable.
ABSOLUTE MAXIMUM RATINGS1) VLMW11..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage2)
IR max = 10 µA
VR
5V
DC forward current
Tamb ≤ 60 °C
IF
20
mA
Surge forward current
tp ≤ 10 µs
IFSM
0.1
A
Power dissipation
PV
80
mW
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Thermal resistance junction/
ambient
mounted on PC board
(pad size > 16 mm2)
RthJA
480
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS1) VLMW11.., WHITE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity
IF = 10 mA
VLMW11R2S2
IV
140
280
mcd
Chromaticity coordinate x acc. to
CIE 1931
IF = 10 mA
VLMW11
x
0.33
Chromaticity coordinate y acc. to
CIE 1931
IF = 10 mA
VLMW11
y
0.33
Angle of half intensity
IF = 10 mA
ϕ
± 80
deg
Forward voltage
IF = 20 mA
VF
2.9
4.0
V
Temperature coefficient of VF
IF = 10 mA
TCVF
- 3
mV/K
Temperature coefficient of IV
IF = 10 mA
TCIV
- 0.4
%/K
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (MCD)
STANDARD
OPTIONAL
MIN
MAX
R
-
-
-
2
140
180
S
1
180
224
2
224
280
CROSSING TABLE
VISHAY
OSRAM
VLMW11R2S2
LWL28G-R2S2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com