Electronic Components Datasheet Search
  English  ▼

X  

L6756TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6756TR
Description  2/3/4 phase buck controller for VR10, VR11.1 and AM2 processor applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756TR Datasheet(HTML) 1 Page - STMicroelectronics

  L6756TR Datasheet HTML 1Page - STMicroelectronics L6756TR Datasheet HTML 2Page - STMicroelectronics L6756TR Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
February 2008
Rev 1
1/3
3
L6756
2/3/4 phase buck controller
for VR10, VR11.1 and AM2 processor applications
Features
■ LTB technology® enhances load transient
response
■ 2 to 4 scalable phase operation
■ Dual-edge asynchronous architecture
■ PSI# input with programmable strategy
■ IMON output
■ Flexible driver support
■ 7/8 bit programmable output - VR10/11.x DAC
■ 6 bit programmable output - AMD AM2 DAC
■ 0.5 % output voltage accuracy
■ Full-differential current sense across DCR
■ Integrated remote sense buffer
■ Feedback disconnection protection
■ Adjustable oscillator from 100 kHz to 1 MHz
■ LSLess startup to manage pre-biased ouptut
■ Programmable Soft-start
■ Threshold sensitive enable Pin for VTT
Sensing
■ VFQFPN40 7x7 mm package
Applications
■ High-current VRM / VRD for desktop / server /
workstation CPUs
■ Graphic cards
■ Low-voltage, high-current power supplies
■ High-density DC / DC converters
Description
L6756 is a two-to-four phase controller designed
to power Intel’s most demanding Processors and,
most in general, low-voltage, high-current power
supplies. The device features LTB technology® to
provide the fastest response to load transients
thus minimizing the output filter composition.
L6756 embeds selectable DAC: Output Voltage is
programmable up to 1.6000 V (Intel VR10 and
VR11.x DACs) or up to 1.550 V (AMD 6bit DAC)
managing DVID transitions with ±0.5 % output
voltage accuracy over line, load and temperature
variations.
The device assures fast protection against load
over current and under / over voltage. Feedback
disconnection prevents from damaging the load in
case of misconnections in the system board.
Low-Side-Less start-up allows soft-start over pre-
biased output avoiding dangerous current return
through the main inductors as well as negative
spike at the load side.
L6756 is available in VFQFPN40 7x7 mm
package.
VFQFPN40
Table 1.
Device summary
Order code
Package
Packing
L6756
VFQFPN40
Tube
L6756TR
VFQFPN40
Tape & Reel
www.st.com


Similar Part No. - L6756TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6756D STMICROELECTRONICS-L6756D Datasheet
650Kb / 36P
2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
01-Oct-2008
L6756DTR STMICROELECTRONICS-L6756DTR Datasheet
650Kb / 36P
2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
01-Oct-2008
More results

Similar Description - L6756TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5382 ONSEMI-NCP5382 Datasheet
349Kb / 33P
2/3/4/5/6 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
March, 2007 ??Rev. 0
logo
STMicroelectronics
L6713A_0805 STMICROELECTRONICS-L6713A_0805 Datasheet
48Kb / 3P
2/3/4 phase controller with embedded drivers for Intel VR11.1
02-May-2008
L6756D STMICROELECTRONICS-L6756D Datasheet
650Kb / 36P
2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
01-Oct-2008
logo
ON Semiconductor
NCP5381A ONSEMI-NCP5381A Datasheet
401Kb / 34P
2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
August, 2006 ??Rev. 4
NCP5385 ONSEMI-NCP5385 Datasheet
474Kb / 34P
2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
October, 2008 ??Rev. 2
NCP5388 ONSEMI-NCP5388 Datasheet
334Kb / 34P
2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
April, 2007 ??Rev. 3
NCP5389 ONSEMI-NCP5389 Datasheet
478Kb / 28P
2/3 Phase Buck Controller for VR11 Pentium IV Processor Applications
October, 2008 ??Rev. 2
NCP5391 ONSEMI-NCP5391 Datasheet
359Kb / 26P
2/3 Phase Buck Controller for VR11 Pentium IV Processor Applications
July, 2007 - Rev. 1
logo
Richtek Technology Corp...
RT8868A RICHTEK-RT8868A Datasheet
478Kb / 21P
4/3/2/1-Phase PWM Controller for AMD AM2/AM2/AM3 CPUs
RT8855 RICHTEK-RT8855 Datasheet
334Kb / 18P
4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com