Electronic Components Datasheet Search
  English  ▼

X  

2-PC Datasheet(PDF) 2 Page - TEKTRONIX, INC.

Part # 2-PC
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-PC Datasheet(HTML) 2 Page - TEKTRONIX, INC.

  2-PC Datasheet HTML 1Page - TEKTRONIX, INC. 2-PC Datasheet HTML 2Page - TEKTRONIX, INC. 2-PC Datasheet HTML 3Page - TEKTRONIX, INC. 2-PC Datasheet HTML 4Page - TEKTRONIX, INC. 2-PC Datasheet HTML 5Page - TEKTRONIX, INC. 2-PC Datasheet HTML 6Page - TEKTRONIX, INC. 2-PC Datasheet HTML 7Page - TEKTRONIX, INC. 2-PC Datasheet HTML 8Page - TEKTRONIX, INC. 2-PC Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Key performance specifications
Analog input channels
2 or 4 inputs
Bandwidth
70 MHz, 100 MHz, 200 MHz, 350 MHz, and 500 MHz
Sample rate
• 2.5 GS/s Half channels
• 1.25 GS/s All channels
Record length
10 M points per channel
Vertical resolution
• 8 bits ADC
• Up to 16 bits in high-resolution mode
Standard trigger types
Edge, pulse width, runt, timeout, logic, setup & hold, rise/ fall time, and
parallel bus
Standard analysis
• Cursors: Waveform, V bars, H bars, and V&H bars
• Measurements: 36
• Plots: XY, limit mask
• Math: Basic waveform arithmetic, FFT, and advanced equation
editor
• Search: Search on any trigger criteria
Serial trigger, decode and analysis (optional)
I2C, SPI, RS-232/422/485/UART, CAN, CAN FD, LIN, and SENT
Digital input channels (optional)
16 inputs
Arbitrary function generator (optional)
• 50 MHz waveform generation
• Waveform types: Arbitrary, sine, square, pulse, ramp, triangle, DC
level, gaussian, lorentz, exponential rise/fall, sin(x)/x, random noise,
haversine, and cardiac
Digital pattern generator (optional)
• 4 bit
• User defined, manual, and toggle
Digital voltmeter (optional, available in future)
• 4-digit AC RMS, DC, and DC+AC RMS voltage measurements
• 5-digit frequency counter
Trigger frequency counter (optional, available in future)
8-digit
Display
•
10.1-inch TFT color
•
WXGA (1280 x 800) resolution
•
Capacitive (multi-touch) touchscreen
Connectivity
•
USB 2.0 Device (1 port)
•
USB 2.0 Host
•
LAN (10/100 MB/s Base-T Ethernet)
Battery pack (optional)
•
Battery pack with 2 battery slots and hot-swap capability
•
Typical usage 8 hours with dual batteries
Remote control
Remotely view and control the oscilloscope over a network connection
through remote Virtual Network Computing (VNC).
VESA mount
100 mm x 100 mm VESA interface
Security
Kensington lock
Standard probes
One TPP0200 200 MHz, 10:1 voltage probe per channel
Collaborative tools (optional)
• TekDrive: Save and recall waveforms, setups, and
screenshots from TekDrive cloud. Share data with other members
on the team.
•
TekScope: Perform basic instrument control and transfer waveform
data to PC. Offline analysis such as protocol decode, automated
measurements, etc on saved data.
Warranty
One year standard
2 Series MSO Datasheet
www.tek.com 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com