Electronic Components Datasheet Search
  English  ▼

X  

NCV8518APDG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV8518APDG
Description  Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8518APDG Datasheet(HTML) 2 Page - ON Semiconductor

  NCV8518APDG Datasheet HTML 1Page - ON Semiconductor NCV8518APDG Datasheet HTML 2Page - ON Semiconductor NCV8518APDG Datasheet HTML 3Page - ON Semiconductor NCV8518APDG Datasheet HTML 4Page - ON Semiconductor NCV8518APDG Datasheet HTML 5Page - ON Semiconductor NCV8518APDG Datasheet HTML 6Page - ON Semiconductor NCV8518APDG Datasheet HTML 7Page - ON Semiconductor NCV8518APDG Datasheet HTML 8Page - ON Semiconductor NCV8518APDG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NCV8518A
http://onsemi.com
2
PIN CONNECTIONS
VIN
VOUT
18
WDI
Delay
ENABLE
GND
RESET
Wake Up
SOIC-8 EP
VIN
VOUT
1
16
NC
NC
ENABLE
NC
NC
Delay
WDI
NC
NC
GND
RESET
NC
Wake Up
NC
SOIC-16 EP
PIN FUNCTION DESCRIPTION
Pin
SOIC-8 EP
SOIC-16 EP
Symbol
Description
4
8
VOUT
Regulated output voltage.
5
9
VIN
Input supply voltage.
7
13
WDI
CMOS compatible Watchdog input. The watchdog function monitors the falling
edge of the incoming signal.
2
3
GND
Ground connection.
6
11
ENABLE
ENABLE control for the IC. Positive logic.
8
15
RESET
CMOS compatible output RESET goes low whenever VOUT drops by more than
7.0% from nominal, or during the absence of a correct watchdog signal.
3
5
Delay
Buffered reference voltage used to create timing current for RESET and Watchdog
threshold frequency from RDelay.
-
1, 2, 4, 6, 7,
10, 12, 14
NC
No Connection.
1
16
Wake Up
Continuously generated signal that interrupts the microprocessor from sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com