Electronic Components Datasheet Search
  English  ▼

X  

BC856AW-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # BC856AW-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC856AW-HF Datasheet(HTML) 1 Page - Comchip Technology

  BC856AW-HF Datasheet HTML 1Page - Comchip Technology BC856AW-HF Datasheet HTML 2Page - Comchip Technology BC856AW-HF Datasheet HTML 3Page - Comchip Technology BC856AW-HF Datasheet HTML 4Page - Comchip Technology BC856AW-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Purpose Transistor
RoHS Device
BC856AW-HF Thru. BC858CW-HF
Maximum Ratings (Ta=25°C unless otherwise noted)
Comchip Technology CO., LTD.
Page 1
REV:A
QW-JTR59
Company reserves the right to improve product design , functions and reliability without notice.
PNP
Halogen Free
Mechanical data
- Case: SOT-323, molded plastic.
- Terminals: Solderable per MIL-STD-750,
method 2026.
Dimensions in inches and (millimeter)
SOT-323
0.055(1.40)
0.047(1.20)
0.053(1.35)
0.045(1.15)
0.087(2.20)
0.079(2.00)
0.004(0.10)
0.016(0.40)
0.008(0.20)
0.043(1.10)
0.035(0.90)
0.006(0.15)
0.003(0.08)
0.096(2.45)
0.085(2.15)
0.000(0.00)
0.018(0.46)
0.010(0.26)
1
2
3
Circuit diagram
C
B
E
1
2
3
1 B:BASE
2 E:EMITTER
3 C:COLLECTOR
Features
- Ideally suited for automatic insertion.
- For switching and AF amplifier applications.
Collector-Base voltage
Collector-Emitter voltage
Emitter-Base voltage
Collector current-continuous
Storage temperature range
Unit
Symbol
Parameter
Value
VCBO
VCEO
VEBO
IC
PC
-80
-50
-30
-65
-45
-30
-5
150
V
V
V
A
mW
Junction temperature
TJ
150
Collector power dissipation
BC856W-HF
BC858W-HF
BC857W-HF
-0.1
TSTG
-65 to +150
BC856W-HF
BC858W-HF
BC857W-HF
Thermal resistance from junction to ambient
RθJA
833
°C/W
°C
°C


Similar Part No. - BC856AW-HF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC856AW-7 DIODES-BC856AW-7 Datasheet
47Kb / 2P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. A-2
BC856AW-7-F DIODES-BC856AW-7-F Datasheet
367Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. 7 - 2
logo
Comchip Technology
BC856AW-G COMCHIP-BC856AW-G Datasheet
151Kb / 6P
Small Signal Transistor
logo
Nexperia B.V. All right...
BC856AW-Q NEXPERIA-BC856AW-Q Datasheet
229Kb / 13P
65 V, 100 mA PNP general-purpose transistors
Rev. 1 - 24 June 2021
More results

Similar Description - BC856AW-HF

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com