Electronic Components Datasheet Search
  English  ▼

X  

CDBHD240-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBHD240-HF
Description  Low VF SMD Schottky Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHD240-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBHD240-HF Datasheet HTML 1Page - Comchip Technology CDBHD240-HF Datasheet HTML 2Page - Comchip Technology CDBHD240-HF Datasheet HTML 3Page - Comchip Technology CDBHD240-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristics Curves (CDBHD240-HF Thru. CDBHD2100-HF)
Fig.1 - Forward Current Derating Curve
Case Temperature, TC (°C)
0
0.4
0.8
1.6
2.4
0
50
150
100
Single phase half wave 60Hz
resistive or inductive load
Fig.3 - Typical Instantaneous Forward
Characteristics
Number of Cycles at 60Hz
Fig.5 - Typical Transient Thermal Impedance
Pulse Duration, t (sec.)
1
10
100
0.1
1
100
Fig.2 - Maximum Non-Repetitive Peak
Forward surge current
1
0.01
0.1
10
20
0.4
0.6
1.1
0.8
Fig.4 - Typical Reverse Characteristics
Percent of Peak Reverse Voltage, (%)
1000
0
60
100
0.1
0.2
1.0
40
80
1
0.1
10
100
0.01
Low VF SMD Schottky Bridge Rectifiers
Comchip Technology CO., LTD.
Page 2
25
75
125
Instantaneous Forward Voltage, (V)
1
10
100
0
50
60
40
30
20
10
10
0.1
20
8.3ms single half sine-wave
(JEDEC method)
TJ=25°C
Pulse width=300µs
1% duty cycle
CDBHD240-HF
CDBHD260-HF
CDBHD2100-HF
QW-JL044
1.2
2.0
TJ=25°C
TJ=100°C
REV:B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com