Electronic Components Datasheet Search
  English  ▼

X  

S29AL008D Datasheet(PDF) 39 Page - SPANSION

Part # S29AL008D
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008D Datasheet(HTML) 39 Page - SPANSION

Back Button S29AL008D Datasheet HTML 35Page - SPANSION S29AL008D Datasheet HTML 36Page - SPANSION S29AL008D Datasheet HTML 37Page - SPANSION S29AL008D Datasheet HTML 38Page - SPANSION S29AL008D Datasheet HTML 39Page - SPANSION S29AL008D Datasheet HTML 40Page - SPANSION S29AL008D Datasheet HTML 41Page - SPANSION S29AL008D Datasheet HTML 42Page - SPANSION S29AL008D Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
February 16, 2006 S29AL008D_00A4
S29AL008D
37
Data
Sheet
AC Characteristics
Notes:
1. Not 100% tested.
2. See Figure 11, on page 35 and DC Characteristics, on page 33 for test specifications.
Table 8. Read Operations
Parameter
Description
Speed Options
JEDEC
Std
Test Setup
55
70
90
Unit
tAVAV
tRC
Read Cycle Time (Note 1)
Min
55
70
90
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE# = VIL
Max
55
70
90
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL Max
55
70
90
tGLQV
tOE
Output Enable to Output Delay
Max
25
30
35
tEHQZ
tDF
Chip Enable to Output High Z (Note 1)
Max
25
25
30
tGHQZ
tDF
Output Enable to Output High Z (Note 1)
Max
25
25
30
tOEH
Output Enable
Hold Time (Note 1)
Read
Min
0
Toggle and
Data# Polling
Min
10
tAXQX
tOH
Output Hold Time From Addresses, CE# or OE#,
Whichever Occurs First (Note 1)
Min
0
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tO
0 V
RY/BY#
RESET#
tD
tO
Figure 13. Read Operations Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com