Electronic Components Datasheet Search
  English  ▼

X  

AP40P04T Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP40P04T
Description  -40V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP40P04T Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP40P04T Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40P04T Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40P04T Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40P04T Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40P04T Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40P04T Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40P04T Datasheet HTML 7Page - A POWER MICROELECTRONICS AP40P04T Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP40P04PIT
-40V P-Channel Enhancement Mode MOSFET
AP40P04P/T REV1.0
永源微電子科技有限公司
Description
The AP40P04P/T uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -40V ID =-40 A
RDS(ON) < 18mΩ @ VGS=-10V (Type:13mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP40P04P
TO-220-3L
AP40P04P XXX YYYY
1000
AP40P04T
TO-263-3L
AP40P04T XXX YYYY
800
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-40
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ -10V1
-40
A
ID@TC=100℃
Continuous Drain Current, VGS @ -10V1
-23
A
IDM
Pulsed Drain Current2
-120
A
EAS
Single Pulse Avalanche Energy3
125
mJ
PD@TC=25℃
Total Power Dissipation4
25
W
PD@TA=25℃
Total Power Dissipation4
16
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62
℃
/W
RθJC
Thermal Resistance Junction-Case1
5
℃
/W


Similar Part No. - AP40P04T

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP40P04D APME-AP40P04D Datasheet
1Mb / 7P
-40V P-Channel Enhancement Mode MOSFET
AP40P04D APME-AP40P04D Datasheet
797Kb / 8P
-40V P-Channel Enhancement Mode MOSFET
REV1.1
AP40P04DY APME-AP40P04DY Datasheet
797Kb / 8P
-40V P-Channel Enhancement Mode MOSFET
REV1.1
AP40P04NF APME-AP40P04NF Datasheet
1Mb / 7P
-40V P-Channel Enhancement Mode MOSFET
AP40P04Y APME-AP40P04Y Datasheet
797Kb / 8P
-40V P-Channel Enhancement Mode MOSFET
REV1.1
More results

Similar Description - AP40P04T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
40V P-channel enhancement mode MOSFET
MARCH 2006
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
-40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
-40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com