Electronic Components Datasheet Search
  English  ▼

X  

S3PDB25 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S3PDB25
Description  Three Phase Rectifier Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S3PDB25 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S3PDB25 Datasheet HTML 1Page - List of Unclassifed Manufacturers S3PDB25 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S3PDB25
Three Phase Rectifier Modules
FEATURES
* Package with DCB base plate
* Isolation voltage 3000 V~
* Planar passivated chips
* leads suitable for PCB soldering
* Low forward voltage drop
ADVANTAGES
* Easy to mount with two screws
* Space and weight savings
* Improved temperature and power
cycling
APPLICATIONS
* Supplies for DC power equipment
* Input rectifiers for PWM inverter
* Battery DC power supplies
* Field supply for DC motors
Symbol
Test Conditions
Characteristic Values
Unit
VR=VRRM; TVJ=25
oC
VR=VRRM; TVJ=TVJM
< 0.3
< 5
mA
VF
IF=7A; TVJ=25
oC
<1.12
V
IR
VTO
For power-loss calculations only
0.8
V
rT
40
m
per diode; DC current
per module
RthJC
2.3
0.39
K/W
per diode; DC current
per module
RthJH
2.8
0.47
K/W
dS
Creeping distance on surface
11.2
mm
dA
Creepage distance in air
9.7
mm
a
Max. allowable acceleration
50
m/s
2
_
_
_



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com