Electronic Components Datasheet Search
  English  ▼

X  

RGPA03 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RGPA03
Description  Power Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RGPA03 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RGPA03 Datasheet HTML 1Page - List of Unclassifed Manufacturers RGPA03 Datasheet HTML 2Page - List of Unclassifed Manufacturers RGPA03 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
March 12, 2007
www.rficsolutions.com
Power Amplifier
Parameter
Min
Typical
Max
Units
Frequency
3.4
3.6
GHz
Gain
26
28
dB
EVM@20 dBm Pout
3
%
P1dB out
27
dBm
Input Return Loss
12
dB
Output Return Loss
12
dB
Supply Voltage
3.3
Volt
Supply Current
280
mA
Power up control voltage
2.4
3.6
V
Power down control voltage
0
0.8
V
Power detector output voltage
(0dBm – 22 dBm)
0.5
3.9
V
Page 1 of 3
RFIC Solutions Inc. Proprietary Information
Data subject to change without Notice
Preliminary Datasheet
RGPA03
RFIC Solutions Inc.
Description
.
Functional Diagram
.
The RGPA03 is a 3.4 to 3.6 GHz high efficiency
GaAs Enhancement mode psuedomorphic high
electron mobility transistor MMIC Power Amplifier. It
has been designed for use in the 3.5 GHz WiMax
systems.
The part is matched at the input and output so no
additional RF matching components are required.
The PA exhibits unparalleled linearity and efficiency
for this Band. The part is biased by a single +3.3V
supply.
.
Applications.
.
• Broadband Wireless Application
Key Features.
.
• WiMax Transceivers
• High Gain, High
Performance
• Linear Gain around 25 dB
• Output Power in the range
of 20 dBm
• Small Die Area
Electrical Specifications.
.
Conditions: Vcc = 3.3 V & TA=25
0C


Similar Part No. - RGPA03

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RGP TEC-RGP Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Vishay Siliconix
RGP02 VISHAY-RGP02 Datasheet
29Kb / 2P
Glass Passivated Junction Fast Switching Rectifier
16-Jan-03
RGP02-12 VISHAY-RGP02-12 Datasheet
29Kb / 2P
Glass Passivated Junction Fast Switching Rectifier
16-Jan-03
logo
EIC discrete Semiconduc...
RGP02-12 EIC-RGP02-12 Datasheet
19Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
General Semiconductor
RGP02-12 GE-RGP02-12 Datasheet
60Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
More results

Similar Description - RGPA03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
POWER AMPLIFIER
logo
RFHIC
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
Power Amplifier
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
Power Amplifier
logo
M/A-COM Technology Solu...
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
Power Amplifier
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
Amplifier, Power
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
Power Amplifier
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
Power Amplifier
Oct-2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com