Electronic Components Datasheet Search
  English  ▼

X  

44510 Datasheet(PDF) 3 Page - Wiha Tools

Part # 44510
Description  Professional Quality ESD Tweezers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

44510 Datasheet(HTML) 3 Page - Wiha Tools

  44510 Datasheet HTML 1Page - Wiha Tools 44510 Datasheet HTML 2Page - Wiha Tools 44510 Datasheet HTML 3Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Item No. Description
wt.
445 30
59 SA-SMD ESD - 117mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Flat Bent 35O, 2mm Diameter Grip Radius
Item No. Description
wt.
445 33
7 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Angled & Slightly Bent With Extra Fine Tips
Item No. Description
wt.
445 32
00 SA ESD - 120mm
.09
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Heavy Duty Strong Tweezers Tapered To
Strong Point
Item No. Description
wt.
445 31
1 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
ESD Safe General Purpose Fine Point
Item No. Description
wt.
445 29
8b SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
MicroTip Bent 30O 1.6mm
Item No. Description
wt.
445 28
5bb SA ESD - 107mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Extra Fine Points Bent
30O, 3mm Long Tips
Toll Free: (800) 494-6104
Wiha Quality Tools
Germany
34
Item No. Description
wt.
445 25
7abb SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Item No. Description
wt.
445 24
58 SA-SMD ESD - 117mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Flat Bent 35O, 3mm Diameter Grip
Curved Extra Fine, 3mm Long Straight Tip
Item No. Description
wt.
445 26
SSbb SA ESD - 140mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Narrow Body Low Force Bent 35O-3mm Tip
Item No. Description
wt.
445 27
5abb SA ESD - 117mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Angled Extra Fine Points
Bent 30O, 3mm Long Tips
Wiha Professional Quality ESD Safe Tweezers
Surface resistance of handles is 106 - 109 Ohms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com