Electronic Components Datasheet Search
  English  ▼

X  

445 03 Datasheet(PDF) 2 Page - Wiha Tools

Part # 445 03
Description  Professional Quality ESD Tweezers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

445 03 Datasheet(HTML) 2 Page - Wiha Tools

  445 03 Datasheet HTML 1Page - Wiha Tools 445 03 Datasheet HTML 2Page - Wiha Tools 445 03 Datasheet HTML 3Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Item No. Description
wt.
445 12
51 SA ESD - 130mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Item No. Description
wt.
445 11
50 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Holds 0.8 to 2mm Diameter
Holds 1.5 to 3mm Diameter
Item No. Description
wt.
445 21
12 SA-SMD ESD - 120mm
.09
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
MicroTip 45O Hook 1x1x2mm
Item No. Description
wt.
445 23
PSF SA ESD - 125mm
.09
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Item No. Description
wt.
445 22
13 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Item No. Description
wt.
445 13
52 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Holds 3.5 to 7mm Diameter
Item No. Description
wt.
445 14
53 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Holds 6.5 to 10mm Diameter
Item No. Description
wt.
445 15
54 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Angled 3.5 to 7mm Diameter
Item No. Description
wt.
445 20
40 SA ESD - 145mm
.11
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Universal Blunt Tip Serrated
Item No. Description
wt.
445 18
22 SA ESD - 150mm
.10
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Toll Free: (800) 494-6104
Wiha Quality Tools
Germany
33
Narrow Rounded Tip Serrated, Guide Pin
MicroTip For Chips Angled 1.6 x 1 x 1mm
Long Rounded to 1.0mm Wide No Serration
Wiha Professional Quality ESD Safe Tweezers
Surface resistance of handles is 106 - 109 Ohms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com