Electronic Components Datasheet Search
  English  ▼

X  

445 21 Datasheet(PDF) 1 Page - Wiha Tools

Part # 445 21
Description  Professional Quality ESD Tweezers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

445 21 Datasheet(HTML) 1 Page - Wiha Tools

  445 21 Datasheet HTML 1Page - Wiha Tools 445 21 Datasheet HTML 2Page - Wiha Tools 445 21 Datasheet HTML 3Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Professional Quality ESD Tweezers
ESD SAFE • STATIC DISSIPATIVE • HYPO ALLERGENIC COATED • TEXTURED GRIPPING SURFACE
Item No. Description
wt.
445 01
AA SA ESD - 130mm
.09
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Universal Fine Point Tweezers
Item No. Description
wt.
445 02
GG SA ESD - 130mm
.09
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Sturdy Long, Fine Round Points
Item No. Description
wt.
445 06
3 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Fine Round Points For Assembly
Item No. Description
wt.
445 10
7a SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Curved Extra Fine Rounded Tips
Item No. Description
wt.
445 03
SS SA ESD - 135mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Long Narrow Body Low Force
Item No. Description
wt.
445 07
3c SA ESD - 110mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Fine Round Points Shorter
Item No. Description
wt.
445 04
2 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Reduced Body To Medium Point
Item No. Description
wt.
445 08
4 SA ESD - 110mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Very Fine Points/Tapered To Tip
Item No. Description
wt.
445 05
2a SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Flat Round Tip Smooth Sides
Item No. Description
wt.
445 09
5 SA ESD - 110mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers made from Vommaloy.
Special stainless steel, anti-magnetic and acid resistant.
Extra Fine Points/Tapered To Tip
D
Toll Free: (800) 494-6104
Wiha Quality Tools
Germany
32
Surface resistance of handles is 106 - 109 Ohms


Similar Part No. - 445 21

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
445 ADAFRUIT-445 Datasheet
146Kb / 3P
Red Electroluminescent (EL) Tape Strip - 100cm w/two connectors
7/23/2015
logo
Apex Electronics Co., L...
445-0-15X APEX-ELECTRONICS-445-0-15X Datasheet
175Kb / 3P
Slotted Bits
445-00-15X APEX-ELECTRONICS-445-00-15X Datasheet
175Kb / 3P
Slotted Bits
445-000X APEX-ELECTRONICS-445-000X Datasheet
175Kb / 3P
Slotted Bits
logo
List of Unclassifed Man...
445-00X ETC-445-00X Datasheet
3Mb / 32P
TORQUE PRODUCTS
More results

Similar Description - 445 21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T2301 ETC1-T2301 Datasheet
473Kb / 9P
A range of professional quality tweezers
T0814 ETC1-T0814 Datasheet
162Kb / 4P
Professional quality Hacksaws and Junior Hacksaws
702-0400 ETC2-702-0400 Datasheet
415Kb / 1P
PROFESSIONAL QUALITY - PANEL SOCKET
5911 ETC2-5911 Datasheet
154Kb / 3P
Professional quality inspection mirrors
44521 ETC-44521 Datasheet
264Kb / 3P
Professional Quality ESD Tweezers ESD SAFE ??STATIC DISSIPATIVE ??HYPO ALLERGENIC COATED ??TEXTURED GRIPPING SURFACE
49783 ETC2-49783 Datasheet
259Kb / 3P
Professional Quality Tweezers
logo
SparkFun Electronics
TOL-10602 SPARKFUN-TOL-10602 Datasheet
107Kb / 1P
Tweezers ??Curved (ESD Safe)
5??6??7
TOL-10603 SPARKFUN-TOL-10603 Datasheet
99Kb / 1P
Tweezers ??Straight (ESD Safe)
5??6??7
TOL-12572 SPARKFUN-TOL-12572 Datasheet
75Kb / 1P
Tweezers - Curved (cross-lock, ESD Safe)
5??5??7
TOL-12573 SPARKFUN-TOL-12573 Datasheet
68Kb / 1P
Tweezers - Straight (cross-lock, ESD Safe)
5??5??7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com