Electronic Components Datasheet Search
  English  ▼

X  

CD54HC640F3A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC640F3A
Description  High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC640F3A Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC640F3A Datasheet HTML 1Page - Texas Instruments CD54HC640F3A Datasheet HTML 2Page - Texas Instruments CD54HC640F3A Datasheet HTML 3Page - Texas Instruments CD54HC640F3A Datasheet HTML 4Page - Texas Instruments CD54HC640F3A Datasheet HTML 5Page - Texas Instruments CD54HC640F3A Datasheet HTML 6Page - Texas Instruments CD54HC640F3A Datasheet HTML 7Page - Texas Instruments CD54HC640F3A Datasheet HTML 8Page - Texas Instruments CD54HC640F3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS192B
Features
• Buffered Inputs
• Three-State Outputs
• Applications in Multiple-Data-Bus Architecture
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD54HC640, CD54HCT640
(CERDIP)
CD74HC640, CD74HCT640
(PDIP, SOIC)
TOP VIEW
Description
The ’HC640 and ’HCT640 silicon-gate CMOS three-state
bidirectional inverting and non-inverting buffers are intended
for two-way asynchronous communication between data
buses. They have high drive current outputs which enable
high-speed operation when driving large bus capacitances.
These circuits possess the low power dissipation of CMOS
circuits, and have speeds comparable to low power Schottky
TTL circuits. They can drive 15 LSTTL loads. The ’HC640
and ’HCT640 are inverting buffers.
The direction of data flow (A to B, B to A) is controlled by the
DIR input.
Outputs are enabled by a low on the Output Enable input
(OE); a high OE puts these devices in the high impedance
mode.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
DIR
A0
A1
A2
A3
A4
A6
A5
A7
GND
VCC
B0
B1
B2
OE
B3
B4
B5
B6
B7
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC640F3A
-55 to 125
20 Ld CERDIP
CD54HCT640F3A
-55 to 125
20 Ld CERDIP
CD74HC640E
-55 to 125
20 Ld PDIP
CD74HC640M
-55 to 125
20 Ld SOIC
CD74HCT640E
-55 to 125
20 Ld PDIP
CD74HCT640M
-55 to 125
20 Ld SOIC
January 1998 - Revised May 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC640, CD74HC640,
CD54HCT640, CD74HCT640
High-Speed CMOS Logic
Octal Three-State Bus Transceiver, Inverting
[ /Title
(CD74
HC640
,
CD74
HCT64
0)
/Sub-
ject
(High
Speed
CMOS


Similar Part No. - CD54HC640F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC640F3A TI-CD54HC640F3A Datasheet
268Kb / 11P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC640F3A TI2-CD54HC640F3A Datasheet
1Mb / 19P
CDx4HC640 CDx4HCT640 High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
REVISED JULY 2022
CD54HC640F3A.A TI2-CD54HC640F3A.A Datasheet
1Mb / 19P
CDx4HC640 CDx4HCT640 High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
REVISED JULY 2022
More results

Similar Description - CD54HC640F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC245 TI-CD54HC245 Datasheet
37Kb / 7P
High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HC640 TI-CD74HC640 Datasheet
37Kb / 8P
High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC652 TI-CD74HC652 Datasheet
72Kb / 12P
High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245 TI-CD54HC245_03 Datasheet
261Kb / 12P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245_07 Datasheet
437Kb / 16P
Octal-Bus Transceiver Three-State, Non-Inverting
CD54HC245 TI1-CD54HC245_16 Datasheet
853Kb / 17P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HC646 TI1-CD74HC646 Datasheet
327Kb / 14P
High-Speed CMOS Logic Octal Bus Transceiver/Register, Three-State
CD74HC652 TI1-CD74HC652_15 Datasheet
139Kb / 13P
High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com