Electronic Components Datasheet Search
  English  ▼

X  

SSW Datasheet(PDF) 1 Page - Samtec, Inc

Part # SSW
Description  THROUGH-HOLE .025" SQ POST SOCKET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SSW Datasheet(HTML) 1 Page - Samtec, Inc

  SSW Datasheet HTML 1Page - Samtec, Inc SSW Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(2.54 mm) .100"
SSQ–116–03–L–T
SSW–125–01–G–S
Due to technical progress, all designs, specifications and components are subject to change without notice.
All parts within this catalog are built to Samtec’s specifications.
Customer specific requirements must be approved by Samtec and identified in a Samtec customer-specific drawing to apply.
WWW.SAMTEC.COM
NO. PINS
PER ROW
Mates With:
TSW, MTSW, MTLW,
EW, ZW, TSS, ZSS,
TSM, TSSH, HTSS
–1= (2.54 mm) .100" Centers
(2.54)
.100
(5.08)
.200
SSW
SSQ
= Solder Tail
= Square Tail
TYPE STRIP
PIN CENTERS
Note:
Some lengths, styles and
options are non-standard,
non-returnable.
01
thru
50
For complete specifications
see www.samtec.com?SSW
or www.samtec.com?SSQ
Insulator Material:
Black Liquid Crystal Polymer
(-S & -D) or
Black High Temperature
Thermoplastic (-T)
Contact Material:
Phosphor Bronze
Plating:
Au or Sn over
50 µ" (1.27 µm) Ni
Current Rating (SSW/TSM):
4.7 A per pin
(2 pins powered)
Current Rating (SSQ/TSW):
6.3 A per pin
(2 pins powered)
Operating Temp Range:
-55 °C to +125 °C with Gold
-55 °C to +105 °C with Tin
Insertion Depth:
(3.68 mm) .145" to
(6.35 mm) .250"
Normal Force:
Standard= 125 grams (4.4 N)
Max Cycles:
100 with 10 µ" (0.25 µm) Au
Voltage Rating:
465 VAC / 655 VDC
RoHS Compliant:
Yes
–RA
–S
–D
–T
–Q
4
1
3
6
4
(8.51)
.335
(2.54) .100 x No. of Spaces
(7.49)
.295
(5.08)
.200
147
150
145
148
(2.54)
.100
(5.08)
.200
(7.49)
.295
3
6
1
147
150
145
148
(2.54)
.100
(4.95)
.195
(2.54)
.100
2
4
98
100
1
3
97
99
(2.41)
.095
50
49
2
1
(2.54) .100 x No. of Positions + (0.51) .020
SPECIFICATIONS
THROUGH-HOLE .025" SQ POST SOCKET
For complete scope
of recognitions see
www.samtec.com/quality
RECOGNITIONS
FILE NO. E111594
PROCESSING
Lead–Free Solderable:
Yes:
-S and -D row option
Wave only:
-P, -T and -Q row option
F-218 (Rev 10OCT17)


Similar Part No. - SSW

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SSW COOPER-SSW Datasheet
143Kb / 2P
Box Cover Units for Plug Fuses
logo
C&K Components
SSW CK-COMPONENTS-SSW Datasheet
522Kb / 3P
Surface Mount Mini Size 2 Pole Snap-acting Switches
28 Jun 21
SSW-1-1-5-S01-R370 CK-COMPONENTS-SSW-1-1-5-S01-R370 Datasheet
522Kb / 3P
Surface Mount Mini Size 2 Pole Snap-acting Switches
28 Jun 21
logo
Microchip Technology
SSW-104-01-G-S MICROCHIP-SSW-104-01-G-S Datasheet
1Mb / 45P
Evaluation Board (ADM00805) User?셲 Guide
11/07/16
logo
ATMEL Corporation
SSW-105-01-G-D ATMEL-SSW-105-01-G-D Datasheet
857Kb / 38P
AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
More results

Similar Description - SSW

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SSQ-137-03-T-S SAMTEC-SSQ-137-03-T-S Datasheet
1Mb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
HTSW-103-07-S-S SAMTEC-HTSW-103-07-S-S Datasheet
1Mb / 2P
THROUGH-HOLE .025" SQ POST HEADER
TSW-105-07-G-D SAMTEC-TSW-105-07-G-D Datasheet
1Mb / 2P
THROUGH-HOLE .025" SQ POST HEADER
TSW-208-07-S-S SAMTEC-TSW-208-07-S-S Datasheet
1Mb / 2P
THROUGH-HOLE .025" SQ POST HEADER
HTSW-105-15-T-D SAMTEC-HTSW-105-15-T-D Datasheet
1Mb / 2P
THROUGH-HOLE .025" SQ POST HEADER
SSQ-105-04-S-T SAMTEC-SSQ-105-04-S-T Datasheet
1Mb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
SSW-108-01-T-S SAMTEC-SSW-108-01-T-S Datasheet
1Mb / 2P
THROUGH-HOLE .025 SQ POST SOCKET
HTSW-108-07-L-D SAMTEC-HTSW-108-07-L-D Datasheet
1Mb / 2P
THROUGH-HOLE .025 SQ POST HEADER
SSQ-102-01-L-S SAMTEC-SSQ-102-01-L-S Datasheet
1Mb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
SSQ-120-02-F-D SAMTEC-SSQ-120-02-F-D Datasheet
1Mb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com