Electronic Components Datasheet Search
  English  ▼

X  

LT8303 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8303
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8303 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8303 Datasheet HTML 19Page - Analog Devices LT8303 Datasheet HTML 20Page - Analog Devices LT8303 Datasheet HTML 21Page - Analog Devices LT8303 Datasheet HTML 22Page - Analog Devices LT8303 Datasheet HTML 23Page - Analog Devices LT8303 Datasheet HTML 24Page - Analog Devices LT8303 Datasheet HTML 25Page - Analog Devices LT8303 Datasheet HTML 26Page - Analog Devices LT8303 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
LT3757/LT3757A
23
Rev. G
For more information www.analog.com
Given an operating input voltage range, and having cho-
sen the operating frequency and ripple current in the
inductor, the inductor value (L1 and L2 are independent)
of the SEPIC converter can be determined using the fol-
lowing equation:
L1
= L2 =
VIN(MIN)
0.5 •
ΔISW • f
•DMAX
For most SEPIC applications, the equal inductor values
will fall in the range of 1µH to 100µH.
By making L1 = L2, and winding them on the same core,
the value of inductance in the preceding equation is
replaced by 2L, due to mutual inductance:
L
=
VIN(MIN)
ΔISW • f
•DMAX
This maintains the same ripple current and energy storage
in the inductors. The peak inductor currents are:
IL1(PEAK) = IL1(MAX) + 0.5 • ∆IL1
IL2(PEAK) = IL2(MAX) + 0.5 • ∆IL2
The RMS inductor currents are:
IL1(RMS) = IL1(MAX) • 1+
χ2 L1
12
where:
χL1 =
ΔIL1
IL1(MAX)
IL2(RMS) = IL2(MAX) • 1+
χ2 L2
12
where:
χL2 =
ΔIL2
IL2(MAX)
Based on the preceding equations, the user should choose
the inductors having sufficient saturation and RMS cur-
rent ratings.
In a SEPIC converter, when the power switch is turned on,
the current flowing through the sense resistor (ISENSE) is
the switch current.
Set the sense voltage at ISENSE(PEAK) to be the minimum
of the SENSE current limit threshold with a 20% margin.
The sense resistor value can then be calculated to be:
RSENSE =
80 mV
ISW(PEAK)
SEPIC Converter: Power MOSFET Selection
For the SEPIC configuration, choose a MOSFET with a
VDC rating higher than the sum of the output voltage and
input voltage by a safety margin (a 10V safety margin is
usually sufficient).
The power dissipated by the MOSFET in a SEPIC converter
is:
PFET = I2SW(MAX) • RDS(ON) • DMAX
+ 2 • (VIN(MIN) + VOUT)2 • IL(MAX) • CRSS • f/1A
The first term in this equation represents the conduction
losses in the device, and the second term, the switching
loss. CRSS is the reverse transfer capacitance, which is
usually specified in the MOSFET characteristics.
For maximum efficiency, RDS(ON) and CRSS should be
minimized. From a known power dissipated in the power
MOSFET, its junction temperature can be obtained using
the following equation:
TJ = TA + PFET • θJA = TA + PFET • (θJC + θCA)
TJ must not exceed the MOSFET maximum junction
temperature rating. It is recommended to measure the
MOSFET temperature in steady state to ensure that abso-
lute maximum ratings are not exceeded.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com