Electronic Components Datasheet Search
  English  ▼

X  

314 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # 314
Description  0.6 Amp Output Current IGBT Gate Driver Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

314 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 314 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 314 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 314 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 314 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 314 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 314 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 314 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED 314 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED 314 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited, in the United States and other countries.
Data subject to change. Copyright © 2006 Avago Technologies, Limited. All rights reserved. Obsoletes AV01-0278EN
AV01-0634EN - Nopvember 8, 2006
Dead Time and Propagation Delay Specifications
The ACPL-P314/W314 includes a Propagation Delay
Difference (PDD) specification intended to help
designers minimize “dead time” in their power inverter
designs. Dead time is the time high and low side power
transistors are off. Any overlap in Ql and Q2 conduction
will result in large currents flowing through the power
devices from the high voltage to the low-voltage motor
rails. To minimize dead time in a given design, the turn
on of LED2 should be delayed (relative to the turn off
of LED1) so that under worst-case conditions, transistor
Q1 has just turned off when transistor Q2 turns on, as
shown in Figure 26. The amount of delay necessary to
achieve this condition is equal to the maximum value
of the propagation delay difference specification, PDD
max, which is specified to be 500 ns over the operating
temperature range of -40° to 100°C.
Figure 26. Minimum LED Skew for Zero Dead Time.
Figure 27. Waveforms for Dead Time.
Figure 25. Recommended LED Drive Circuit for Ultra-High CMR
Dead Time and Propagation Delay Specifications.
C
LEDP
C
LEDN
6
1
5
2
4
3
SHIELD
+5 V
C
LEDP
C
LEDN
6
1
5
2
4
3
+5 V
Delaying the LED signal by the maximum propagation
delay difference ensures that the minimum dead time
is zero, but it does not tell a designer what the
maximum dead time will be. The maximum dead time
is equivalent to the difference between the maximum
and
minimum
propagation
delay
difference
specification as shown in Figure 27. The maximum
dead time for the ACPL-P314/W314 is 1 µs (= 0.5 µs - (-
0.5 µs)) over the operating temperature range of –40°C
to 100°C.
Note that the propagation delays used to calculate PDD
and dead time are taken at equal temperatures and
test conditions since the optocouplers under
consideration are typically mounted in close proximity
to each other and are switching identical IGBTs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com