Electronic Components Datasheet Search
  English  ▼

X  

BY397 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BY397
Description  PRV : 100 - 800 Volts Io : 3.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BY397 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BY397 Datasheet HTML 1Page - EIC discrete Semiconductors BY397 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY396 - BY399
FAST RECOVERY
RECTIFIER DIODES
PRV : 100 - 800 Volts
Io : 3.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
* Pb / RoHS Free
MECHANICAL DATA :
* Case : DO-201AD Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 1.16 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
BY396
BY397
BY398
BY399
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
800
V
Maximum RMS Voltage
VRMS
70
140
280
560
V
Maximum DC Blocking Voltage
VDC
100
200
400
800
V
Maximum Average Forward Current
0.375"(9.5mm) Lead Length
Ta = 55
°C
Peak Forward Surge Current,
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
Maximum Peak Forward Voltage at IF = 3.0 Amps.
VF
1.25
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
μA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
100
μA
Maximum Reverse Recovery Time ( Note 1 )
Trr
250
ns
Typical Junction Capacitance ( Note 2 )
CJ
60
pF
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
Page 1 of 2
Rev. 03: October 8, 2012
A
A
100
RATING
IFSM
IF(AV)
3.0
0.208 (5.30)
0.188 (4.80)
DO - 201AD
0.374 (9.50)
0.283 (7.20)
0.050 (1.28)
0.048 (1.22)
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
IATF 0060636
SGS TH07/1033
TH09/2479
TH97/2478
www.eicsemi.com


Similar Part No. - BY397

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY397 PANJIT-BY397 Datasheet
60Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
BY397 TRSYS-BY397 Datasheet
139Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Jinan Gude Electronic D...
BY397 JGD-BY397 Datasheet
143Kb / 2P
3.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Semtech Corporation
BY397 SEMTECH-BY397 Datasheet
72Kb / 2P
FAST SILICON RECTIFIERS???
logo
Bytes
BY397 BYTES-BY397 Datasheet
46Kb / 1P
3.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - BY397

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY396 PANJIT-BY396 Datasheet
60Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 3.0 Amperes)
logo
Powerex Power Semicondu...
C430AX500 POWEREX-C430AX500 Datasheet
248Kb / 6P
Phase Control SCR 800 Amperes Avg 100-600 Volts
C430AX550 POWEREX-C430AX550 Datasheet
196Kb / 6P
Phase Control SCR 800 Amperes Avg 100-400 Volts
ME500810 POWEREX-ME500810 Datasheet
68Kb / 4P
Three-Phase Diode Bridge Modules (100 Amperes/800 Volts)
logo
ON Semiconductor
MBR3100 ONSEMI-MBR3100 Datasheet
53Kb / 4P
SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 100 VOLTS
April, 2003 - Rev. 3
logo
DAESAN ELECTRONIC CORP.
BY396G DAESAN-BY396G Datasheet
212Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 100 TO 800 VOLTS
RS3A DAESAN-RS3A Datasheet
328Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 800 Volts
logo
Shenzhen Luguang Electr...
1S2760A LUGUANG-1S2760A Datasheet
205Kb / 2P
PRV : 70 Volts Io : 150 mA
RB150 LUGUANG-RB150 Datasheet
68Kb / 2P
PRV : 50 - 800 Volts Io : 1.5 Amperes
logo
Bruckewell Technology L...
SF51 BWTECH-SF51_9 Datasheet
445Kb / 4P
PRV 50 - 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com