Electronic Components Datasheet Search
  English  ▼

X  

RM4 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # RM4
Description  PRV : 100 - 400 Volts Io : 1.7 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RM4 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  RM4 Datasheet HTML 1Page - EIC discrete Semiconductors RM4 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RM4 - RM4Z
SILICON RECTIFIER DIODES
PRV : 100 - 400 Volts
Io : 1.7 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : DO-201AD Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight :
1.21 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RM4Y
RM4Z
RM4
UNIT
Maximum Reverse Voltage
VRM
100
200
400
V
Maximum Peak Reverse Surge Voltage
VRSM
150
250
450
V
Maximum Average Forward Current
IF(AV)
1.7 (3.0 A is with Heatsink)
A
Maximum Peak Forward Surge Current
Half-cycle Sine wave, 50 Hz, Single Shot
Maximum Forward Voltage at IF = 3.0 A
VF
0.95
V
Maximum Reverse Current
Ta = 25
°C
IR
10
μA
at VR = VRmax.
Ta = 150
°C
IR(H)
50
μA
Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Page 1 of 2
Rev. 03: October 8, 2012
RATING
IFSM
200
A
0.208 (5.30)
0.188 (4.80)
DO - 201AD
0.374 (9.50)
0.283 (7.20)
0.050 (1.28)
0.048 (1.22)
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
IATF 0113686
SGS TH07/1033
TH09/2479
TH97/2478
www.eicsemi.com


Similar Part No. - RM4

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RM4 SANKEN-RM4 Datasheet
21Kb / 1P
Rectifier Diodes
logo
Sumida Corporation
RM4 SUMIDA-RM4 Datasheet
44Kb / 1P
xDSL POTs Splitter
logo
EIC discrete Semiconduc...
RM4 EIC-RM4 Datasheet
45Kb / 2P
SILICON RECTIFIER DIODES
logo
Sanken electric
RM4 SANKEN-RM4 Datasheet
198Kb / 5P
Silicon Diode
logo
TEKTRONIX, INC.
RM4 TEKTRONIX-RM4 Datasheet
7Mb / 44P
4 Series MSO Mixed Signal Oscilloscope Datasheet
30 Apr 2020
More results

Similar Description - RM4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BRX44 MOTOROLA-BRX44 Datasheet
82Kb / 4P
SCRs 0.8 AMPERE RMS 30 TO 400 VOLTS
MJE13009 MOTOROLA-MJE13009 Datasheet
451Kb / 10P
12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 100 WATTS
logo
Powerex Power Semicondu...
BCR20AM POWEREX-BCR20AM Datasheet
72Kb / 4P
Triac 20 Ampere/400-600 Volts
BCR30AM POWEREX-BCR30AM Datasheet
71Kb / 4P
Triac 30 Ampere/400-600 Volts
logo
ON Semiconductor
MJE13009 ONSEMI-MJE13009_06 Datasheet
148Kb / 10P
12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??100 WATTS
February, 2006 ??Rev. 7
logo
DAESAN ELECTRONIC CORP.
BA157G DAESAN-BA157G Datasheet
322Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 400 to 1000 Volts
ES1A DAESAN-ES1A Datasheet
410Kb / 3P
CURRENT 1.0 Ampere VOLTAGE 50 to 400 Volts
logo
Shenzhen Luguang Electr...
1S2760A LUGUANG-1S2760A Datasheet
205Kb / 2P
PRV : 70 Volts Io : 150 mA
RB150 LUGUANG-RB150 Datasheet
68Kb / 2P
PRV : 50 - 800 Volts Io : 1.5 Amperes
logo
Bruckewell Technology L...
SF51 BWTECH-SF51_9 Datasheet
445Kb / 4P
PRV 50 - 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com