Electronic Components Datasheet Search
  English  ▼

X  

91139 Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # 91139
Description  8 POS VERT PCB M/J ASSY SHIELDED, WITHOUT PANEL STOP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

91139 Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  91139 Datasheet HTML 1Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PDS: Rev :M
STATUS:Released
Printed: Apr 12, 2016


Similar Part No. - 91139

ManufacturerPart #DatasheetDescription
logo
FCI connector
91139 FCI-CONNECTOR-91139 Datasheet
84Kb / 1P
8 POS VERT PCB M/J ASSY SHIELDED WITHOUT PANEL STOP
More results

Similar Description - 91139

ManufacturerPart #DatasheetDescription
logo
FCI connector
69255 FCI-CONNECTOR-69255 Datasheet
277Kb / 3P
8 POS VERTICAL P.C.B. MOD JACK ASSY
87547 FCI-CONNECTOR-87547 Datasheet
219Kb / 2P
A-SMT ASSEMBLY VERT 8 POS
90598 FCI-CONNECTOR-90598 Datasheet
194Kb / 2P
8 POS VERT. SNAP PEG P.C.B. III MOD JACK ASSY
94152 FCI-CONNECTOR-94152 Datasheet
85Kb / 1P
8 POS VERT P.C.B. M/J ASSY SHIELDED
95776 FCI-CONNECTOR-95776 Datasheet
373Kb / 6P
RIBCAGE III T/M VERT HEADER ASSY
logo
Tyco Electronics
2-382462-1 MACOM-2-382462-1 Datasheet
91Kb / 1P
SOCKET ASSY, DIP, HT, 8 POS DIPLOMATE DL
logo
FCI connector
91139 FCI-CONNECTOR-91139 Datasheet
84Kb / 1P
8 POS VERT PCB M/J ASSY SHIELDED WITHOUT PANEL STOP
95678 FCI-CONNECTOR-95678 Datasheet
557Kb / 7P
R/A CAT5 GANG JACK ASSY 8 POS SHIELDED SNAP PEG
10043546 FCI-CONNECTOR-10043546 Datasheet
307Kb / 5P
AirMax VS VERT RECPT ASSY
logo
Harwin Plc
M80-5111042 HARWIN-M80-5111042 Datasheet
72Kb / 1P
DATAMATE J-TEK DIL VERT 4.5mm PC TAIL MALE ASSY WITH BOARD MOUNT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com