Electronic Components Datasheet Search
  English  ▼

X  

90311 Datasheet(PDF) 13 Page - Amphenol Communications Solutions

Part # 90311
Description  Minitek® Crimp-to-Wire
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

90311 Datasheet(HTML) 13 Page - Amphenol Communications Solutions

Back Button 90311 Datasheet HTML 7Page - Amphenol Communications Solutions 90311 Datasheet HTML 8Page - Amphenol Communications Solutions 90311 Datasheet HTML 9Page - Amphenol Communications Solutions 90311 Datasheet HTML 10Page - Amphenol Communications Solutions 90311 Datasheet HTML 11Page - Amphenol Communications Solutions 90311 Datasheet HTML 12Page - Amphenol Communications Solutions 90311 Datasheet HTML 13Page - Amphenol Communications Solutions 90311 Datasheet HTML 14Page - Amphenol Communications Solutions 90311 Datasheet HTML 15Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
Minitek® Headers
PART NUMBER SELECTOR HEADER
98414
X
XX
XX
LF
Packaging option
Blank
Standard packaging in polybags
U
Tube available from 06 to 50 pos
A
Tape & Reel with pick up cap
Base number
Plating option
G
0.76µm GXT on contact area
T
2µm tin on contact area
Other plating options available
upon request
Pin Style
Post Length
Tail Length
04
4.00
2.00
06
4.00
2.50
08
4.00
3.10
10
4.00
3.70
Color option
-
Cream
B
Black
Number of positions per row
Base number
Description
Part Numbers
Unshrouded Header, Vertical, Single Row, TMT / PiP
10138654
Unshrouded Header, Vertical, Double Row, TMT / PiP
57102
Unshrouded Header, Vertical, Double Row, SMT
57202
Unshrouded Stacking Header, Vertical, Double Row, TMT
59112
Unshrouded Stacking Header, Vertical, Double Row, SMT
59202
Unshrouded Header, Right-Angle, Single Row, SMT
10112684
Unshrouded Header, Right-Angle, Double Row, TMT
98423
Unshrouded Header, Right-Angle, Double Row, SMT
10112690
Unshrouded Header, Right-Angle, Double Row, PiP
10072353
Shrouded Header, Right-Angle, Single Row, SMT
95000
Shrouded Header, Right-Angle, Double Row, TMT
98464
Shrouded Header, Vertical, Double Row, TMT
98414
Shrouded Header, Vertical, Double Row, SMT
98424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com